Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 79Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 80Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 81Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 82Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 83Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 84Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 85Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 86Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
83
LOW PASS / HIGH PASS DIGITAL FILTER (LHPF)
The digital core provides four Low Pass Filter (LPF) / High Pass Filter (HPF) processing blocks as
illustrated in Figure 32. A 4-input mixer is associated with each filter. The 4 input sources are
selectable in each case, and independent volume control is provided for each path. Each Low/High
Pass Filter (LHPF) block supports 1 output.
The Low Pass Filter / High Pass Filter can be used to remove unwanted ‘out of band’ noise from a
signal path. Each filter can be configured either as a Low Pass filter or High Pass filter.
Figure 32 Digital Core LPF/HPF Blocks
The LHPF1, LHPF2, LHPF3 and LHPF4 mixer control registers (see Figure 32) are located at register
addresses R2304 (900h) through to R2335 (91Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective LHPF processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the LHPF to which they
are connected. Sample rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter
(ISRC)”.
The bracketed numbers in Figure 32, eg. “(60h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the LHPF function is configured using the FX_RATE register - see Table 21. Note
that the EQ, DRC and LHPF functions must all be configured for the same sample rate.
The LHPF function supports audio sample rates in the range 8kHz to 192kHz. When the DRC is
enabled, the maximum sample rate for the EQ, DRC and LHPF functions is 96kHz.
Sample rate conversion is required when routing the LHPF signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.
The control registers associated with the LHPF functions are described in Table 15.
The cut-off frequencies for the LHPF blocks are set using the coefficients held in registers R3777,
R3781, R3785 and R3789 for LHPF1, LHPF2, LHPF3 and LHPF4 respectively. These coefficients are
derived using tools provided in Wolfson’s WISCE™ evaluation board control software; please contact
your local Wolfson representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com