Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 92Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 93Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 94Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 95Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 96Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 97Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 98Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 99Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
96
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R50 (0032h)
PWM Drive
3
9:0
PWM2_LVL [9:0]
100h
PWM2 Override Level
Sets the PWM2 duty cycle when
PWM2_OVD=1.
Coded as 2’s complement.
000h = 50% duty cycle
100h = 0% duty cycle
Table 20 Pulse Width Modulation (PWM) Generator Control
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the digital mixer paths. If an attempt is made to enable a PWM signal mixer path, and there
are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any
signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
SAMPLE RATE CONTROL
The WM5102 supports multiple signal paths through the digital core. Stereo full-duplex sample rate
conversion is provided to allow digital audio to be routed between interfaces operating at different
sample rates and/or referenced to asynchronous clock domains.
Two independent clock domains are supported, referenced to SYSCLK and ASYNCCLK respectively,
as described in “Clocking and Sample Rates”. Every digital signal path must be synchronised either to
SYSCLK or to ASYNCCLK.
Up to five different sample rates may be in use at any time on the WM5102. Three of these sample
rates must be synchronised to SYSCLK; the remaining two, where required, must be synchronised to
ASYNCCLK.
Sample rate conversion is required when routing any audio path between digital functions that are
asynchronous and/or configured for different sample rates.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the
SYSCLK and ASYNCCLK domains. The ASRC is described later, and is illustrated in Figure 40.
There are two Isochronous Sample Rate Converters (ISRCs). These provide two signal paths each
between sample rates on the SYSCLK domain, or between sample rates on the ASYNCCLK domain.
The ISRCs are described later, and are illustrated in Figure 41.
The sample rate of different blocks within the WM5102 digital core are controlled as illustrated in
Figure 38 and Figure 39 - the *_RATE registers select the applicable sample rate for each respective
group of digital functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com