Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 118 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 114Page - Texas Instruments TMS320C6711 Datasheet HTML 115Page - Texas Instruments TMS320C6711 Datasheet HTML 116Page - Texas Instruments TMS320C6711 Datasheet HTML 117Page - Texas Instruments TMS320C6711 Datasheet HTML 118Page - Texas Instruments TMS320C6711 Datasheet HTML 119Page - Texas Instruments TMS320C6711 Datasheet HTML 120Page - Texas Instruments TMS320C6711 Datasheet HTML 121Page - Texas Instruments TMS320C6711 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
118
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING (CONTINUED)
switching characteristics over recommended operating conditions for McBSP as SPI master or
slave: CLKSTP = 10b, CLKXP = 1†‡ (see Figure 54) [C6711C/C6711D]
NO.
PARAMETER
11CGDPA-167
11C−200
11DGDPA-167
11D−200
11D−250
UNIT
NO.
PARAMETER
MASTER§
SLAVE
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1
th(CKXH-FXL)
Hold time, FSX low
after CLKX high
T − 2
T + 3
T − 2
T + 3
ns
2
td(FXL-CKXL)
Delay time, FSX low to
CLKX low#
H − 2
H + 3
H − 2
H + 3
ns
3
td(CKXL-DXV)
Delay time, CLKX low
to DX valid
−3
4
6P + 2 10P + 17
−3
4
6P + 2 10P + 17
ns
6
tdis(CKXH-DXHZ)
Disable time, DX high
impedance following
last data bit from CLKX
high
H − 3.6
H + 3
H − 2
H + 3
ns
7
tdis(FXH-DXHZ)
Disable time, DX high
impedance following
last data bit from FSX
high
2P + 1.5
6P + 17
2P + 3
6P + 17
ns
8
td(FXL-DXV)
Delay time, FSX low to
DX valid
4P + 2
8P + 17
4P + 2
8P + 17
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
‡ For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
§ S = Sample rate generator input clock = 2P if CLKSM = 1 (P = 1/CPU clock frequency)
= Sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
T = CLKX period = (1 + CLKGDV) * S
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
5
4
3
8
7
6
2
1
CLKX
FSX
DX
DR
Figure 54. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com