Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 120 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 116Page - Texas Instruments TMS320C6711 Datasheet HTML 117Page - Texas Instruments TMS320C6711 Datasheet HTML 118Page - Texas Instruments TMS320C6711 Datasheet HTML 119Page - Texas Instruments TMS320C6711 Datasheet HTML 120Page - Texas Instruments TMS320C6711 Datasheet HTML 121Page - Texas Instruments TMS320C6711 Datasheet HTML 122Page - Texas Instruments TMS320C6711 Datasheet HTML 123Page - Texas Instruments TMS320C6711 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
120
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
MULTICHANNEL BUFFERED SERIAL PORT TIMING (CONTINUED)
switching characteristics over recommended operating conditions for McBSP as SPI master or
slave: CLKSTP = 11b, CLKXP = 1†‡ (see Figure 55) [C6711]
NO
PARAMETER
C6711-100
C6711-150
UNIT
NO.
PARAMETER
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
1
th(CKXH-FXL)
Hold time, FSX low after CLKX high
H − 9
H + 9
ns
2
td(FXL-CKXL)
Delay time, FSX low to CLKX low#
T − 9
T + 9
ns
3
td(CKXH-DXV)
Delay time, CLKX high to DX valid
−9
9
6P + 4 10P + 20
ns
6
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit from
CLKX high
−9
9
6P + 3 10P + 20
ns
7
td(FXL-DXV)
Delay time, FSX low to DX valid
L − 9
L + 9
4P + 2
8P + 20
ns
switching characteristics over recommended operating conditions for McBSP as SPI master or
slave: CLKSTP = 11b, CLKXP = 1†‡ (see Figure 55) [C6711B]
NO.
PARAMETER
C6711B-100
C6711B-150
C6711BGFNA-100
UNIT
NO.
PARAMETER
MASTER§
SLAVE
UNIT
MIN
MAX
MIN
MAX
1
th(CKXH-FXL)
Hold time, FSX low after CLKX high
H − 10 H + 10
ns
2
td(FXL-CKXL)
Delay time, FSX low to CLKX low#
T − 10
T + 10
ns
3
td(CKXH-DXV)
Delay time, CLKX high to DX valid
−10
10
6P + 4 10P + 25
ns
6
tdis(CKXH-DXHZ)
Disable time, DX high impedance following last data bit
from CLKX high
−10
10
6P + 3 10P + 25
ns
7
td(FXL-DXV)
Delay time, FSX low to DX valid
L − 10
L + 10
4P + 2
8P + 25
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
‡ For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
§ S = Sample rate generator input clock = 2P if CLKSM = 1 (P = 1/CPU clock frequency)
= Sample rate generator input clock = P_clks if CLKSM = 0 (P_clks = CLKS period)
T = CLKX period = (1 + CLKGDV) * S
H = CLKX high pulse width = (CLKGDV/2 + 1) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
L = CLKX low pulse width = (CLKGDV/2) * S if CLKGDV is even
= (CLKGDV + 1)/2 * S if CLKGDV is odd or zero
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com