Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 124 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 124 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 120Page - Texas Instruments TMS320C6711 Datasheet HTML 121Page - Texas Instruments TMS320C6711 Datasheet HTML 122Page - Texas Instruments TMS320C6711 Datasheet HTML 123Page - Texas Instruments TMS320C6711 Datasheet HTML 124Page - Texas Instruments TMS320C6711 Datasheet HTML 125Page - Texas Instruments TMS320C6711 Datasheet HTML 126Page - Texas Instruments TMS320C6711 Datasheet HTML 127Page - Texas Instruments TMS320C6711 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
124
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
JTAG TEST-PORT TIMING
timing requirements for JTAG test port (see Figure 58)
NO.
–100
–150
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
1
tc(TCK)
Cycle time, TCK
35
35
ns
3
tsu(TDIV-TCKH)
Setup time, TDI/TMS/TRST valid before TCK high
10
10
ns
4
th(TCKH-TDIV)
Hold time, TDI/TMS/TRST valid after TCK high
9
7
ns
switching characteristics over recommended operating conditions for JTAG test port
(see Figure 58)
NO.
PARAMETER
–100
–150
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
–3
18
0
15
ns
TCK
TDO
TDI/TMS/TRST
1
2
3
4
2
Figure 58. JTAG Test-Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com