Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 127Page - Texas Instruments TMS320DM642 Datasheet HTML 128Page - Texas Instruments TMS320DM642 Datasheet HTML 129Page - Texas Instruments TMS320DM642 Datasheet HTML 130Page - Texas Instruments TMS320DM642 Datasheet HTML 131Page - Texas Instruments TMS320DM642 Datasheet HTML 132Page - Texas Instruments TMS320DM642 Datasheet HTML 133Page - Texas Instruments TMS320DM642 Datasheet HTML 134Page - Texas Instruments TMS320DM642 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 178 page
background image
www.ti.com
5.12.3
PCI Electrical Data/Timing
PCLK
1
2
3
4
4
0.4 DVDD V MIN
Peak to Peak for
3.3V signaling
PRST
PCLK
2
1
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
5.12.3.1
Peripheral Component Interconnect (PCI) Timing
Table 5-42. Timing Requirements for PCLK
(1) (2) (see Figure 5-46)
–500, A-600
–600, –720
[33 MHz]
[66 MHz]
NO.
UNIT
MIN
MAX
MIN
MAX
1
tc(PCLK)
Cycle time, PCLK
30 (or 4P(3))
15 (or 4P(3))
ns
2
tw(PCLKH)
Pulse duration, PCLK high
11
6
ns
3
tw(PCLKL)
Pulse duration, PCLK low
11
6
ns
4
tsr(PCLK)
∆v/∆t slew rate, PCLK
1
4
1.5
4
V/ns
(1)
For 3.3-V operation, the reference points for the rise and fall transitions are measured at VILP MAX and VIHP MIN.
(2)
P = 1/CPU clock frequency in ns. For example when running parts at 720 MHz,use P = 1.39 ns.
(3)
Select the parameter value, whichever is larger.
Figure 5-46. PCLK Timing
Table 5-43. Timing Requirements for PCI Reset (see Figure 5-47)
–500
–600
NO.
UNIT
–720
MIN
MAX
1
tw(PRST)
Pulse duration, PRST
1
ms
2
tsu(PCLKA-PRSTH)
Setup time, PCLK active before PRST high
100
µs
Figure 5-47. PCI Reset (PRST) Timing
DM642 Peripheral Information and Electrical Specifications
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com