Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 133 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 129Page - Texas Instruments TMS320DM642 Datasheet HTML 130Page - Texas Instruments TMS320DM642 Datasheet HTML 131Page - Texas Instruments TMS320DM642 Datasheet HTML 132Page - Texas Instruments TMS320DM642 Datasheet HTML 133Page - Texas Instruments TMS320DM642 Datasheet HTML 134Page - Texas Instruments TMS320DM642 Datasheet HTML 135Page - Texas Instruments TMS320DM642 Datasheet HTML 136Page - Texas Instruments TMS320DM642 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 178 page
background image
www.ti.com
9
8
7
6
3
2
5
4
1
XSP_CS
XSP_CLK
XSP_DO
XSP_DI
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-46. Timing Requirements for Serial EEPROM Interface (see Figure 5-50)
–500
–600
NO.
UNIT
–720
MIN
MAX
8
tsu(DIV-CLKH)
Setup time, XSP_DI valid before XSP_CLK high
50
ns
9
th(CLKH-DIV)
Hold time, XSP_DI valid after XSP_CLK high
0
ns
Table 5-47. Switching Characteristics Over Recommended Operating Conditions for Serial EEPROM
Interface
(1) (see Figure 5-50)
–500
–600
NO.
PARAMETER
UNIT
–720
MIN
TYP
MAX
1
tw(CSL)
Pulse duration, XSP_CS low
4092P
ns
2
td(CLKL-CSL)
Delay time, XSP_CLK low to XSP_CS low
0
ns
3
td(CSH-CLKH)
Delay time, XSP_CS high to XSP_CLK high
2046P
ns
4
tw(CLKH)
Pulse duration, XSP_CLK high
2046P
ns
5
tw(CLKL)
Pulse duration, XSP_CLK low
2046P
ns
6
tosu(DOV-CLKH)
Output setup time, XSP_DO valid before XSP_CLK high
2046P
ns
7
toh(CLKH-DOV)
Output hold time, XSP_DO valid after XSP_CLK high
2046P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
Figure 5-50. PCI Serial EEPROM Interface Timing
DM642 Peripheral Information and Electrical Specifications
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com