Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 128Page - Texas Instruments TMS320DM642 Datasheet HTML 129Page - Texas Instruments TMS320DM642 Datasheet HTML 130Page - Texas Instruments TMS320DM642 Datasheet HTML 131Page - Texas Instruments TMS320DM642 Datasheet HTML 132Page - Texas Instruments TMS320DM642 Datasheet HTML 133Page - Texas Instruments TMS320DM642 Datasheet HTML 134Page - Texas Instruments TMS320DM642 Datasheet HTML 135Page - Texas Instruments TMS320DM642 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 178 page
background image
www.ti.com
Inputs Valid
PCLK
PCI Input
4
5
1
2
1
3
PCLK
PCI Output
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-44. Timing Requirements for PCI Inputs (see Figure 5-48)
–600
–500, A-600
–720
NO.
UNIT
33 MHz
66 MHz
MIN
MAX
MIN
MAX
4
tsu(IV-PCLKH)
Setup time, input valid before PCLK high
7
3
ns
5
th(IV-PCLKH)
Hold time, input valid after PCLK high
0
0
ns
Figure 5-48. PCI Input Timing (33-/66-MHz)
Table 5-45. Switching Characteristics Over Recommended Operating Conditions for PCI Outputs
(see Figure 5-49)
–600
–500, A-600
–720
NO.
parameter
UNIT
33 MHz
66 MHz
MIN
MAX
MIN
MAX
1
td(PCLKH-OV)
Delay time, PCLK high to output valid
2
11
2
6
ns
2
td(PCLKH-OLZ)
Delay time, PCLK high to output low impedance
2
2
ns
3
td(PCLKH-OHZ)
Delay time, PCLK high to output high impedance
28
14
ns
Figure 5-49. PCI Output Timing (33-/66-MHz)
132
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com