Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 163 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 159Page - Texas Instruments TMS320DM642 Datasheet HTML 160Page - Texas Instruments TMS320DM642 Datasheet HTML 161Page - Texas Instruments TMS320DM642 Datasheet HTML 162Page - Texas Instruments TMS320DM642 Datasheet HTML 163Page - Texas Instruments TMS320DM642 Datasheet HTML 164Page - Texas Instruments TMS320DM642 Datasheet HTML 165Page - Texas Instruments TMS320DM642 Datasheet HTML 166Page - Texas Instruments TMS320DM642 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 178 page
background image
www.ti.com
5.19
General-Purpose Input/Output (GPIO)
5.19.1
GPIO Device-Specific Information
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The GPIO peripheral provides dedicated general-purpose pins that can be configured as either inputs or
outputs. When configured as an output, you can write to an internal register to control the state driven on
the output pin. When configured as an input, you can detect the state of the input by reading the state of
an internal register.
In addition, the GPIO peripheral can produce CPU interrupts and EDMA events in different interrupt/event
generation modes.
To use the GP[15:0] software-configurable GPIO pins, the GPxEN bits in the GP Enable (GPEN) Register
and the GPxDIR bits in the GP Direction (GPDIR) Register must be properly configured.
GPxEN = 1
GP[x] pin is enabled
GPxDIR = 0
GP[x] pin is an input
GPxDIR = 1
GP[x] pin is an output
where "x" represents one of the 15 through 0 GPIO pins
Figure 5-70 shows the GPIO enable bits in the GPEN register for the DM642 device. To use any of the
GPx pins as general-purpose input/output functions, the corresponding GPxEN bit must be set to "1"
(enabled). Default values are device-specific, so refer to Figure 5-70 for the DM642 default configuration.
31
16
Reserved
R-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
GP15
GP14
GP13
GP12
GP11
GP10
GP9
GP8
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
EN
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
Legend: R/W = Readable/Writable, -n = value after reset, -x = undefined value after reset
Figure 5-70. GPIO Enable Register (GPEN) [Hex Address: 01B0 0000]
Figure 5-71 shows the GPIO direction bits in the GPDIR register. This register determines if a given GPIO
pin is an input or an output providing the corresponding GPxEN bit is enabled (set to "1") in the GPEN
register. By default, all the GPIO pins are configured as input pins.
DM642 Peripheral Information and Electrical Specifications
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com