Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 162 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 158Page - Texas Instruments TMS320DM642 Datasheet HTML 159Page - Texas Instruments TMS320DM642 Datasheet HTML 160Page - Texas Instruments TMS320DM642 Datasheet HTML 161Page - Texas Instruments TMS320DM642 Datasheet HTML 162Page - Texas Instruments TMS320DM642 Datasheet HTML 163Page - Texas Instruments TMS320DM642 Datasheet HTML 164Page - Texas Instruments TMS320DM642 Datasheet HTML 165Page - Texas Instruments TMS320DM642 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 178 page
background image
www.ti.com
5.18.3
Timer Electrical Data/Timing
TINPx
TOUTx
4
3
2
1
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-83. Timer 2 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Determines the operating mode of the timer, monitors the
01AC 0000
CTL2
Timer 2 control register
timer status.
Contains the number of timer input clock cycles to count.
01AC 0004
PRD2
Timer 2 period register
This number controls the TSTAT signal frequency.
01AC 0008
CNT2
Timer 2 counter register
Contains the current value of the incrementing counter.
01AC 000C – 01AF FFFF
–
Reserved
Table 5-84. Timing Requirements for Timer Inputs
(1) (see Figure 5-69)
–500
–600
NO.
UNIT
–720
MIN
MAX
1
tw(TINPH)
Pulse duration, TINP high
8P
ns
2
tw(TINPL)
Pulse duration, TINP low
8P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
Table 5-85. Switching Characteristics Over Recommended Operating Conditions for Timer Outputs
(1)
(see Figure 5-69)
–500
–600
NO.
PARAMETER
UNIT
–720
MIN
MAX
3
tw(TOUTH)
Pulse duration, TOUT high
8P – 3
ns
4
tw(TOUTL)
Pulse duration, TOUT low
8P – 3
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
Figure 5-69. Timer Timing
162
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com