Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 161 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 157Page - Texas Instruments TMS320DM642 Datasheet HTML 158Page - Texas Instruments TMS320DM642 Datasheet HTML 159Page - Texas Instruments TMS320DM642 Datasheet HTML 160Page - Texas Instruments TMS320DM642 Datasheet HTML 161Page - Texas Instruments TMS320DM642 Datasheet HTML 162Page - Texas Instruments TMS320DM642 Datasheet HTML 163Page - Texas Instruments TMS320DM642 Datasheet HTML 164Page - Texas Instruments TMS320DM642 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 178 page
background image
www.ti.com
5.18
Timer
5.18.1
Timer Device-Specific Information
5.18.2
Timer Peripheral Register Description(s)
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The C6000™ DSP device has 32-bit general-purpose timers that can be used to:
• Time events
• Count events
• Generate pulses
• Interrupt the CPU
• Send synchronization events to the DMA
The timers have two signaling modes and can be clocked by an internal or an external source. The timers
have an input pin and an output pin. The input and output pins (TINP and TOUT) can function as timer
clock input and clock output. They can also be respectively configured for general-purpose input and
output.
With an internal clock, for example, the timer can signal an external A/D converter to start a conversion, or
it can trigger the DMA controller to begin a data transfer. With an external clock, the timer can count
external events and interrupt the CPU after a specified number of events.
The DM642 device has a total of three 32-bit general-purpose timers (Timer0, Timer1, and Timer2).
Timer2 is not externally pinned out.
For more detailed information, see the TMS320C6000 DSP 32-Bit Timer Reference Guide (literature
number SPRU582).
Table 5-81. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Determines the operating mode of the timer, monitors the
0194 0000
CTL0
Timer 0 control register
timer status, and controls the function of the TOUT pin.
Contains the number of timer input clock cycles to count.
0194 0004
PRD0
Timer 0 period register
This number controls the TSTAT signal frequency.
0194 0008
CNT0
Timer 0 counter register
Contains the current value of the incrementing counter.
0194 000C – 0197 FFFF
–
Reserved
Table 5-82. Timer 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
Determines the operating mode of the timer, monitors the
0198 0000
CTL1
Timer 1 control register
timer status, and controls the function of the TOUT pin.
Contains the number of timer input clock cycles to count.
0198 0004
PRD1
Timer 1 period register
This number controls the TSTAT signal frequency.
0198 0008
CNT1
Timer 1 counter register
Contains the current value of the incrementing counter.
0198 000C – 019B FFFF
–
Reserved
DM642 Peripheral Information and Electrical Specifications
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com