Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 161Page - Texas Instruments TMS320DM642 Datasheet HTML 162Page - Texas Instruments TMS320DM642 Datasheet HTML 163Page - Texas Instruments TMS320DM642 Datasheet HTML 164Page - Texas Instruments TMS320DM642 Datasheet HTML 165Page - Texas Instruments TMS320DM642 Datasheet HTML 166Page - Texas Instruments TMS320DM642 Datasheet HTML 167Page - Texas Instruments TMS320DM642 Datasheet HTML 168Page - Texas Instruments TMS320DM642 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 178 page
background image
www.ti.com
5.19.3
General-Purpose Input/Output (GPIO) Electrical Data/Timing
GPIx
GPOx
4
3
2
1
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
Table 5-87. Timing Requirements for GPIO Inputs
(1) (2) (see Figure 5-72)
–500
–600
NO.
UNIT
–720
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
8P
ns
2
tw(GPIL)
Pulse duration, GPIx low
8P
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
(2)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA event. However, if a user wants to have the DSP recognize
the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to at least 12P to allow the DSP
enough time to access the GPIO register through the CFGBUS.
Table 5-88. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(1)
(see Figure 5-72)
–500
–600
NO.
PARAMETER
UNIT
–720
MIN
MAX
3
tw(GPOH)
Pulse duration, GPOx high
24P – 8(2)
ns
4
tw(GPOL)
Pulse duration, GPOx low
24P – 8(2)
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 720 MHz, use P = 1.39 ns.
(2)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
Figure 5-72. GPIO Port Timing
DM642 Peripheral Information and Electrical Specifications
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com