Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 64Page - Dallas Semiconductor DS26401 Datasheet HTML 65Page - Dallas Semiconductor DS26401 Datasheet HTML 66Page - Dallas Semiconductor DS26401 Datasheet HTML 67Page - Dallas Semiconductor DS26401 Datasheet HTML 68Page - Dallas Semiconductor DS26401 Datasheet HTML 69Page - Dallas Semiconductor DS26401 Datasheet HTML 70Page - Dallas Semiconductor DS26401 Datasheet HTML 71Page - Dallas Semiconductor DS26401 Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
68
8.9.3 T1 Frames Out-of-Sync Count Register (FOSCR)
The FOSCR is used to count the number of multiframes that the receive synchronizer is out of sync. This number is
useful in ESF applications needing to measure the parameters loss-of-frame count (LOFC) and ESF error events
as described in AT&T publication TR54016. When the FOSCR is operated in this mode, it is not disabled during
receive loss of synchronization (RLOF = 1) conditions. The FOSCR has alternate operating mode whereby it will
count either errors in the Ft framing pattern (in the D4 mode) or errors in the FPS framing pattern (in the ESF
mode). When the FOSCR is operated in this mode, it is disabled during receive loss-of-synchronization (RLOF = 1)
conditions. See Table 8-4 for a detailed description of what the FOSCR is capable of counting.
Table 8-4. T1 Frames Out-of-Sync Counting Arrangements
FRAMING MODE
(RCR1.5)
COUNT MOS OR F–BIT ERRORS
(ERCNT.1)
WHAT IS COUNTED
IN THE FOSCRs
D4
MOS
Number of multiframes out of sync
D4
F-Bit
Errors in the Ft pattern
ESF
MOS
Number of multiframes out of sync
ESF
F-Bit
Errors in the FPS pattern
Register Name:
FOSCR1
Register Description:
Frames Out-of-Sync Count Register 1
Register Address:
054h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
FOS15
FOS14
FOS13
FOS12
FOS11
FOS10
FOS9
FOS8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Frames Out-of-Sync Counter Bits 8 to 15 (FOS8 to FOS15).
FOS15 is the MSB of the 16-bit frames
out-of-sync count.
Register Name:
FOSCR2
Register Description:
Frames Out-of-Sync Count Register 2
Register Address:
055h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
FOS7
FOS6
FOS5
FOS4
FOS3
FOS2
FOS1
FOS0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Frames Out-of-Sync Counter Bits 0 to 7 (FOS0 to FOS7).
FOS0 is the LSB of the 16-bit frames out-
of-sync count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com