Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 36Page - Dallas Semiconductor DS26401 Datasheet HTML 37Page - Dallas Semiconductor DS26401 Datasheet HTML 38Page - Dallas Semiconductor DS26401 Datasheet HTML 39Page - Dallas Semiconductor DS26401 Datasheet HTML 40Page - Dallas Semiconductor DS26401 Datasheet HTML 41Page - Dallas Semiconductor DS26401 Datasheet HTML 42Page - Dallas Semiconductor DS26401 Datasheet HTML 43Page - Dallas Semiconductor DS26401 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
40
ADDRESS
R/W
FUNCTION
NAME
PAGE
074
—
Unused
—
—
075
—
Unused
—
—
076
—
Unused
—
—
077
—
Unused
—
—
078
—
Unused
—
—
079
—
Unused
—
—
07A
—
Unused
—
—
07B
—
Unused
—
—
07C
—
Unused
—
—
07D
—
Unused
—
—
07E
—
Unused
—
—
07F
—
Unused
—
—
080
R/W
Rx Master Mode
RMMR
156
081
R/W
Rx Control 1
RCR1
158
082
R/W
Rx In-Band Code Control
RIBCC
87
083
R/W
Rx Control 3
RCR3
160
084
R/W
Rx I/O Configuration
RIOCR
161
085
R/W
Rx Elastic Store Control
RESCR
190
086
R/W
Rx Error Count Configuration
ERCNT
65
087
R/W
Rx HDLC FIFO Control
RHFC
201
088
R/W
Rx Interleave Bus Op Control
RIBOC
209
089
R/W
Rx Spare Code Control
RSCC
90
08A
R/W
Rx BERT Interface Control
RBICR
210
08B
R/W
Rx BERT Bit Suppress En
RBBS
211
08C
—
Unused
—
—
08D
—
Unused
—
—
08E
R/W
Rx Test Register 5
RTEST5
—
08F
R/W
Rx Test Register 6
RTEST6
—
090
R/W
Rx Latched Status 1
RLS1
166
091
R/W
Rx Latched Status 2
RLS2
168
092
R/W
Rx Latched Status 3
RLS3
170
093
R/W
Rx Latched Status 4
RLS4
173
094
R/W
Rx Latched Status 5
RLS5
205
095
—
Unused
—
—
096
R/W
Rx Latched Status 7
RLS7
097
—
Unused
—
—
098
R/W
Rx Signaling CoS Status 1
RSS1
74
099
R/W
Rx Signaling CoS Status 2
RSS2
74
09A
R/W
Rx Signaling CoS Status 3
RSS3
74
09B
—
Unused
—
—
09C
R/W
Rx Spare Code Definition 1
RSPCD1
87
09D
R/W
Rx Spare Code Definition 2
RSPCD2
87
09E
—
Unused
—
—
09F
R/W
Rx Interrupt Information Reg
RIIR
157
0A0
R/W
Rx Interrupt Mask Reg 1
RIM1
167
0A1
—
Unused
—
—
0A2
R/W
Rx Interrupt Mask Reg 3
RIM3
171
0A3
R/W
Rx Interrupt Mask Reg 4
RIM4
174
0A4
R/W
Rx Interrupt Mask Reg 5
RIM5
206
0A5
—
Unused
—
—
0A6
R/W
Rx Interrupt Mask Reg 7
RIM7
0A7
—
Unused
—
—
0A8
R/W
Rx Sig CoS Interrupt Enable 1
RSCSE1
186
0A9
R/W
Rx Sig CoS Interrupt Enable 2
RSCSE2
186
0AA
R/W
Rx Sig CoS Interrupt Enable 3
RSCSE3
186
0AB
—
Unused
—
—
0AC
R/W
Rx Up-Code Definition 1
RUPCD1
88
0AD
R/W
Rx Up-Code Definition 2
RUPCD2
88
0AE
R/W
Rx Down-Code Definition 1
RDNCD1
89
0AF
R/W
Rx Down-Code Definition 2
RDNCD2
89
0B0
R
Rx Real-Time Status 1
RRTS1
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com