Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 80 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 80 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 76Page - Dallas Semiconductor DS26401 Datasheet HTML 77Page - Dallas Semiconductor DS26401 Datasheet HTML 78Page - Dallas Semiconductor DS26401 Datasheet HTML 79Page - Dallas Semiconductor DS26401 Datasheet HTML 80Page - Dallas Semiconductor DS26401 Datasheet HTML 81Page - Dallas Semiconductor DS26401 Datasheet HTML 82Page - Dallas Semiconductor DS26401 Datasheet HTML 83Page - Dallas Semiconductor DS26401 Datasheet HTML 84Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
80
8.14.1 Mapping T1 Channels Onto a 2.048MHz Backplane
Setting the RSCLKM bit in RIOCR.4 enables the receive-elastic store to operate with a 2.048MHz backplane (32
time slots/frame). In this mode, the user can choose which of the backplane channels on RSER receive the T1 data
by programming the receive-blank channel-select registers (RBCS1–4). A logic 1 in the associated bit location
forces RSER high for that backplane channel. Typically, the user wants to program 8 channels to be “blanked.” The
default (power-up) configuration blanks channels 25 to 32, so that the 24 T1 channels are mapped into the first 24
channels of the 2.048MHz backplane. If the user chooses to blank channel 1 (TS0) by setting RBCS1.0 = 1, then
the F-bit is passed into the MSB of TS0 on RSER.
For example, if:
RBCS1 = 01h
RBCS2 = 00h
RBCS3 = 01h
RBCS4 = FCh
Then on RSER:
Channel 1 (MSB) = F-bit
Channel 1 (bits 1–7) = all ones
Channels 2–16 = T1 channels 1–15
Channel 17 = all ones
Channels 18–26 = T1 channels 16–24
Channels 27–32 = all ones
Register Name:
RBCS1, RBCS2, RBCS3, RBCS4
Register Description:
Receive Blank Channel Select Registers
Register Address:
0C0h, 0C1h, 0C2h, 0C3h [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
Note that when two or more sequential channels are chosen to be blanked, the receive-slip zone-select bit (RSZS)
should be set to zero. If the blank channels are distributed (such as 1, 5, 9, 13, 17, 21, 25, 29), then the RSZS bit
can be set to 1, which may provide a lower occurrence of slips in certain applications.
(MSB)
(LSB)
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
RBCS1
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
RBCS2
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
RBCS3
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
RBCS4
Bits 0–7 / Receive Blank Channel Select for Channels 1 to 32 (RBCS1-32).
0 = do not blank this channel (channel data is available on RSER)
1 = RSER is forced to all ones for this channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com