Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 83 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 83 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 79Page - Dallas Semiconductor DS26401 Datasheet HTML 80Page - Dallas Semiconductor DS26401 Datasheet HTML 81Page - Dallas Semiconductor DS26401 Datasheet HTML 82Page - Dallas Semiconductor DS26401 Datasheet HTML 83Page - Dallas Semiconductor DS26401 Datasheet HTML 84Page - Dallas Semiconductor DS26401 Datasheet HTML 85Page - Dallas Semiconductor DS26401 Datasheet HTML 86Page - Dallas Semiconductor DS26401 Datasheet HTML 87Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
83
8.16 T1 Bit-Oriented Code (BOC) Controller
The DS26401 contains a BOC generator on the transmit side and a BOC detector on the receive side. The BOC
function is available only in T1 mode.
In ESF mode, the DS26401 continuously monitors the receive message bits for a valid BOC message. The BOC-
detect (BD) status bit at RLS7.0 is set once a valid message has been detected for time determined by the receive-
BOC-filter bits RBF0 and RBF1 in the RBOCC register. The 6-bit BOC message is available in the RBOC register.
Once the user has cleared the BD bit, it remains clear until a new BOC is detected (or the same BOC is detected
following a BOC-clear event). The BOC-clear (BC) bit at RLS7.1 is set when a valid BOC is no longer being
detected for a time determined by the receive-BOC-disintegration bits RBD0 and RBD1 in the RBOCC register.
The BD and BC status bits can create a hardware interrupt on the INT signal as enabled by the associated interrupt
mask bits in the RIM7 register.
Register Name:
RBOCC
Register Description:
Receive BOC Control Register
Register Address:
015h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RBR
—
RBD1
RBD0
—
RBF1
RBF0
—
Default
0
0
0
0
0
0
0
0
Bits 0, 3, 6 / Unused. Must be set = 0 for proper operation.
Bits 1 to 2 / Receive-BOC-Filter Bits (RBF0, RBF1).
The BOC filter sets the number of consecutive patterns that
must be received without error prior to an indication of a valid message.
RBF1
RBF0
Consecutive BOC Codes for Valid Sequence Identification
0
0
None
0
1
3
1
0
5
1
1
7 (Note 1)
Bits 4 to 5 / Receive-BOC-Disintegration Bits (RBD0, RBD1).
The BOC Disintegration filter sets the number of
message bits that must be received without a valid BOC in order to set the BC bit indicating that a valid BOC is no
longer being received.
RBD1
RBD0
Consecutive Message Bits for BOC Clear Identification
0
0
16
0
1
32
1
0
48
1
1
64 (Note 1)
Bit 7 / Receive-BOC Reset (RBR).
A 0-to-1 transition resets the BOC circuitry. Must be cleared and set again for a
subsequent reset. Modifications to the RBF0, RBF1, RBD0, and RBD1 bits are not applied to the BOC controller
until a BOC reset has been completed.
Note 1: The DS26401’s BOC controller does not integrate and disintegrate concurrently. Therefore, if the maximum integration time and the
maximum disintegration time are used together, BOC messages that repeat fewer than 11 times may not be detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com