Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 53 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 53 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 49Page - Dallas Semiconductor DS26401 Datasheet HTML 50Page - Dallas Semiconductor DS26401 Datasheet HTML 51Page - Dallas Semiconductor DS26401 Datasheet HTML 52Page - Dallas Semiconductor DS26401 Datasheet HTML 53Page - Dallas Semiconductor DS26401 Datasheet HTML 54Page - Dallas Semiconductor DS26401 Datasheet HTML 55Page - Dallas Semiconductor DS26401 Datasheet HTML 56Page - Dallas Semiconductor DS26401 Datasheet HTML 57Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
53
Table 8-1. T1 Alarm Criteria
ALARM
SET CRITERIA
CLEAR CRITERIA
AIS
(Blue Alarm) (Note 1)
When over a 3ms window, 5 or fewer
zeros are received
When over a 3ms window, 6 or more
zeros are received
RAI
(Yellow Alarm)
1) D4 Bit 2 Mode
(RCR2.0 = 0)
When bit 2 of 256 consecutive
channels is set to zero for at least
254 occurrences
When bit 2 of 256 consecutive channels
is set to zero for less than 254
occurrences
2) D4 12th F-Bit Mode
(RCR2.0 = 1; also referred to
as the Japanese Yellow
Alarm)
When the 12th framing bit is set to
one for two consecutive occurrences
When the 12th framing bit is set to zero
for two consecutive occurrences
3) ESF Mode
When 16 consecutive patterns of
00FF appear in the FDL
When 14 or less patterns of 00FF hex
out of 16 possible appear in the FDL
LOS
(also referred to as
Receive Carrier Loss (RCL))
When 192 consecutive zeros are
received
When 14 or more ones out of 112
possible bit positions are received
starting with the first one received
Note 1: The definition of the Alarm Indication Signal (Blue Alarm) is an unframed all-ones signal. AIS detectors should be able to operate
properly in the presence of a 10E-3 error rate, and they should not falsely trigger on a framed all-ones signal. The AIS alarm criteria in the
DS26401 has been set to achieve this performance. It is recommended that the RAIS bit be qualified with the RLOF bit.
Note 2: The following terms are equivalent:
RAIS = Blue Alarm
RLOS = RCL
RLOF = Loss of Frame
RRAI = Yellow Alarm
Register Name:
RRTS1
Register Description:
Receive Real-Time Status Register 1
Register Address:
0B0h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
RRAI
RAIS
RLOS
RLOF
Default
0
0
0
0
0
0
0
0
All bits in this register are real-time (not latched).
Bit 0 / Receive Loss-of-Frame Condition (RLOF).
Set when the DS26401 is not synchronized to the received
data stream.
Bit 1 / Receive Loss-of-Signal Condition (RLOS).
Set when 192 consecutive zeros have been detected at RPOS
and RNEG.
Bit 2 / Receive Alarm Indication Signal Condition (RAIS).
Set when an unframed all-ones code is received at
RPOS and RNEG.
Bit 3 / Receive Remote Alarm Indication Condition (RRAI).
Set when a remote alarm is received at RPOS and
RNEG.
Bits 4 to 7 / Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com