Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 30Page - Dallas Semiconductor DS26401 Datasheet HTML 31Page - Dallas Semiconductor DS26401 Datasheet HTML 32Page - Dallas Semiconductor DS26401 Datasheet HTML 33Page - Dallas Semiconductor DS26401 Datasheet HTML 34Page - Dallas Semiconductor DS26401 Datasheet HTML 35Page - Dallas Semiconductor DS26401 Datasheet HTML 36Page - Dallas Semiconductor DS26401 Datasheet HTML 37Page - Dallas Semiconductor DS26401 Datasheet HTML 38Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
34
Table 7-1. Pin Functions with IBO Mux Enabled (continued)
RSYSCLK Input Pin Definitions
NAME
NORMAL USE
4.096MHz IBO
8.192MHz IBO
16.384MHz IBO
RSYSCLK1
Rx System Clock for port # 1
Rx System Clock for
Ports 1 & 2
Rx System Clock for
Ports 1– 4
Rx System Clock for
Ports 1– 8
RSYSCLK2
Rx System Clock for port # 2
Unused
Unused
Unused
RSYSCLK3
Rx System Clock for port # 3
Rx System Clock for
Ports 3 & 4
Unused
Unused
RSYSCLK4
Rx System Clock for port # 4
Unused
Unused
Unused
RSYSCLK5
Rx System Clock for port # 5
Rx System Clock for
Ports 5 & 6
Rx System Clock for
Ports 5–8
Unused
RSYSCLK6
Rx System Clock for port # 6
Unused
Unused
Unused
RSYSCLK7
Rx System Clock for port # 7
Rx System Clock for
Ports 7 & 8
Unused
Unused
RSYSCLK8
Rx System Clock for port # 8
Unused
Unused
Unused
TSYSCLK Input Pin Definitions
NAME
NORMAL USE
4.096MHz IBO
8.192MHz IBO
16.384MHz IBO
TSYSCLK1
Tx System Clock for Port # 1
Tx System Clock for
Ports 1 & 2
Tx System Clock for
Ports 1–4
Tx System Clock for
Ports 1– 8
TSYSCLK2
Tx System Clock for Port # 2
Unused
Unused
Unused
TSYSCLK3
Tx System Clock for Port # 3
Tx System Clock for
Ports 3 & 4
Unused
Unused
TSYSCLK4
Tx System Clock for Port # 4
Unused
Unused
Unused
TSYSCLK5
Tx System Clock for Port # 5
Tx System Clock for
Ports 5 & 6
Tx System Clock for
Ports 5–8
Unused
TSYSCLK6
Tx System Clock for Port # 6
Unused
Unused
Unused
TSYSCLK7
Tx System Clock for Port # 7
Tx System Clock for
Ports 7 & 8
Unused
Unused
TSYSCLK8
Tx System Clock for Port # 8
Unused
Unused
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com