| Electronic Components Datasheet Search |
|
DS26401 Datasheet(PDF) 48 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS26401 Datasheet(HTML) 48 Page - Dallas Semiconductor |
|
48 / 309 page ![]() DS26401 Octal T1/E1/J1 Framer 48 Normally, this loopback is only enabled when ESF framing is being performed, but it can also be enabled in D4 framing applications. In a PLB situation, the DS26401 loops the 192 bits of payload data (with BPVs corrected) from the receive section back to the transmit section. The FPS framing pattern, CRC6 calculation, and the FDL bits are not looped back, they are reinserted by the DS26401. Bit 2 / Remote Loopback (RLB) 0 = loopback disabled 1 = loopback enabled In this loopback, data input through the RPOS and RNEG pins is transmitted back to the TPOS and TNEG pins. Data continues to pass through the DS26401’s receive-side framer as it would normally, and the data from the transmit-side formatter is ignored. Bits 3, 4, 6 / Unused. Must be set = 0 for proper operation. Bit 5 / RSER Control (RSERC) 0 = Allow RSER to output data as received under all conditions (normal operation) 1 = Force RSER to one under loss-of-frame alignment conditions Bit 7 / Input Data Format (IDF) 0 = Bipolar data is expected at RPOS and RNEG (either AMI or B8ZS). 1 = NRZ data is expected at RPOS. The BPV counter is disabled and RNEG is ignored by the DS26401. REMOTE LOOPBACK RECEIVE FRAMER TRANSMIT FRAMER BACKPLANE I/F BACKPLANE I/F RSER TSER TPOS TNEG RPOS RNEG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |