Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 33Page - Dallas Semiconductor DS26401 Datasheet HTML 34Page - Dallas Semiconductor DS26401 Datasheet HTML 35Page - Dallas Semiconductor DS26401 Datasheet HTML 36Page - Dallas Semiconductor DS26401 Datasheet HTML 37Page - Dallas Semiconductor DS26401 Datasheet HTML 38Page - Dallas Semiconductor DS26401 Datasheet HTML 39Page - Dallas Semiconductor DS26401 Datasheet HTML 40Page - Dallas Semiconductor DS26401 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
37
Register Name:
GSR2
Register Description:
Global Status Register 2
Register Address:
0FAh
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
BBED
BLOS
Default
0
0
0
0
0
0
0
0
Bit 0 / BERT Loss-of-Sync Interrupt Status (BLOS)
0 = The BERT has not issued an interrupt for LOS
1 = The BERT has issued an interrupt for LOS (only possible when BLOSIM in GCR1 is set)
Bit 1 / BERT Bit-Error-Detect Interrupt Status (BBED)
0 = The BERT has not issued an interrupt for BED
1 = The BERT has issued an interrupt for BED (only possible when BBEDIM in GCR1 is set)
Bits 2–7 / Unused
7.4 Interrupt Tree
When the host processor detects an interrupt, the user can first read the GSR1 and GSR2 registers to narrow down
the potential source of the interrupt event. Bit locations set in the GSR1 register direct the user to one or more
framers, from where the appropriate status register(s) can be discerned with RIIR and TIIR.
FIS8 FIS7 FIS6 FIS5 FIS4 FIS3 FIS2 FIS1
GSR1 (0F9h)
RIIR (09Fh)
RLS1
TIIR (19Fh)
TLS2 TLS1
E9Fh
F9Fh
Framer for Port #1 (A11:A9 = 000b)
To Framer(n) Latched Status Registers
INTERRUPT
BLOS
BBED
BSR (2F4h)
GSR2 (0FAh)
C9Fh
D9Fh
A9Fh
B9Fh
89Fh
99Fh
69Fh
79Fh
49Fh
59Fh
29Fh
39Fh
—
RLS2
RLS3
RLS4
RLS5
RLS6
RLS7
NOTE: RLS2 IS NOT USED IN T1 MODE; RLS7 IS NOT USED IN E1 MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com