Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 73 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 73 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 69Page - Dallas Semiconductor DS26401 Datasheet HTML 70Page - Dallas Semiconductor DS26401 Datasheet HTML 71Page - Dallas Semiconductor DS26401 Datasheet HTML 72Page - Dallas Semiconductor DS26401 Datasheet HTML 73Page - Dallas Semiconductor DS26401 Datasheet HTML 74Page - Dallas Semiconductor DS26401 Datasheet HTML 75Page - Dallas Semiconductor DS26401 Datasheet HTML 76Page - Dallas Semiconductor DS26401 Datasheet HTML 77Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
73
Register Name:
RS1 to RS12
Register Description:
Receive Signaling Registers
Register Address:
040h to 04Bh [+ (200h x n) : where n = 0 to 7, for Ports 1 to 8]
In the ESF framing mode, there can be up to four signaling bits per channel (A, B, C, and D). In the D4 framing
mode, there are only two signaling bits per channel (A and B). In the D4 framing mode, the framer repeats the A
and B signaling data in the C and D bit locations. Therefore, when the framer is operated in D4 framing mode, the
user needs to retrieve the signaling bits every 1.5ms as opposed to 3ms for ESF mode. The receive-signaling
registers are frozen and not updated during a loss-of-sync condition. They contain the most recent signaling
information before the OOF occurred.
(MSB)
(LSB)
CH1-A
CH1-B
CH1-C
CH1-D
CH13-A
CH13-B
CH13-C
CH13-D
RS1
CH2-A
CH2-B
CH2-C
CH2-D
CH14-A
CH14-B
CH14-C
CH14-D
RS2
CH3-A
CH3-B
CH3-C
CH3-D
CH15-A
CH15-B
CH15-C
CH15-D
RS3
CH4-A
CH4-B
CH4-C
CH4-D
CH16-A
CH16-B
CH16-C
CH16-D
RS4
CH5-A
CH5-B
CH5-C
CH5-D
CH17-A
CH17-B
CH17-C
CH17-D
RS5
CH6-A
CH6-B
CH6-C
CH6-D
CH18-A
CH18-B
CH18-C
CH18-D
RS6
CH7-A
CH7-B
CH7-C
CH7-D
CH19-A
CH19-B
CH19-C
CH19-D
RS7
CH8-A
CH8-B
CH8-C
CH8-D
CH20-A
CH20-B
CH20-C
CH20-D
RS8
CH9-A
CH9-B
CH9-C
CH9-D
CH21-A
CH21-B
CH21-C
CH21-D
RS9
CH10-A
CH10-B
CH10-C
CH10-D
CH22-A
CH22-B
CH22-C
CH22-D
RS10
CH11-A
CH11-B
CH11-C
CH11-D
CH23-A
CH23-B
CH23-C
CH23-D
RS11
CH12-A
CH12-B
CH12-C
CH12-D
CH24-A
CH24-B
CH24-C
CH24-D
RS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com