Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 43 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 43 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 39Page - Dallas Semiconductor DS26401 Datasheet HTML 40Page - Dallas Semiconductor DS26401 Datasheet HTML 41Page - Dallas Semiconductor DS26401 Datasheet HTML 42Page - Dallas Semiconductor DS26401 Datasheet HTML 43Page - Dallas Semiconductor DS26401 Datasheet HTML 44Page - Dallas Semiconductor DS26401 Datasheet HTML 45Page - Dallas Semiconductor DS26401 Datasheet HTML 46Page - Dallas Semiconductor DS26401 Datasheet HTML 47Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
43
8.2 T1 Receive Framer Description and Operation
The DS26401 includes eight fully independent DS1/E1 framers. The framers are designed to interface seamlessly
to the line side through an external LIU. Each framer can be individually programmed to accept AMI, B8ZS, HDB3,
or NRZ data. In T1 mode, each framer supports D4 (SF), ESF, and SLC-96 frame formats, and detects/reports
common alarms such as AIS, RAI, LOS, and OOF, as well as AIS-CI and RAI-CI. Performance monitor counters
are maintained for each port, which report bipolar/line-code violations, F-bit/CRC errors, and number of out-of-sync
multiframes.
Each framer has an HDLC controller that can be mapped into a single time slot, or Sa4 to Sa8 bits (E1 mode), or
the FDL (T1 mode), and has 64-byte FIFO buffers in both the transmit and receive paths.
The HDLC controllers perform the necessary overhead for generating and receiving performance report messages
(PRM) as described in ANSI T1.403 and the messages as described in AT&T TR54016. The HDLC controllers
automatically generate and detect flags; generate and check the CRC checksum; generate and detect abort
sequences and stuff and destuff zeros; and byte align to the data stream. The FIFO buffers are large enough to
allow a full PRM to be received or transmitted without host intervention.
Other features contained within each framer include a BOC detector with programmable code integration and three
independent 16-bit loop-code detectors. Host interface is simplified with status registers optimized for either
interrupt driven or polled environments. In many cases, status bits are reported in both real-time and latched on
change-of-state with separate bits for each state change. Most latched bits can be mapped to generate an external
interrupt on the INT pin.
Backplane interface is simplified with the inclusion of two-frame elastic-store memories in each of the receive and
transmit paths. These buffers can be used to control slips in asynchronous environments, or rate-adapt from
1.544MHz to 2.048MHz. The DS26401 also supports an interleaved backplane operating at 4.096MHz, 8.192MHz,
or 16.384MHz.
Additional details about the operation of the DS1 framer are included in the register descriptions in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com