Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 43Page - Dallas Semiconductor DS26401 Datasheet HTML 44Page - Dallas Semiconductor DS26401 Datasheet HTML 45Page - Dallas Semiconductor DS26401 Datasheet HTML 46Page - Dallas Semiconductor DS26401 Datasheet HTML 47Page - Dallas Semiconductor DS26401 Datasheet HTML 48Page - Dallas Semiconductor DS26401 Datasheet HTML 49Page - Dallas Semiconductor DS26401 Datasheet HTML 50Page - Dallas Semiconductor DS26401 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
47
Register Name:
RCR3
Register Description:
Receive Control Register 3
Register Address:
083h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
IDF
—
RSERC
—
—
RLB
PLB
FLB
Default
0
0
0
0
0
0
0
0
Bit 0 / Framer Loopback (FLB)
0 = loopback disabled
1 = loopback enabled
This loopback is useful in testing and debugging applications. In FLB, the DS26401 loops data from the transmit
side back to the receive side. When FLB is enabled, the following occurs:
1) (T1 mode) An unframed all-ones code is transmitted at TPOS and TNEG.
(E1 mode) Normal data is transmitted at TPOS and TNEG.
2) Data at RPOS and RNEG is ignored.
3) All receive-side signals take on timing synchronous with TCLK instead of RCLK.
Bit 1 / Payload Loopback (PLB)
0 = loopback disabled
1 = loopback enabled
When PLB is enabled, the following occurs:
1) Data is transmitted from the TPOS and TNEG pins synchronous with RCLK instead of TCLK.
2) All the receive-side signals continue to operate normally.
3) The TCHCLK and TCHBLK signals are forced low.
4) Data at the TSER, TDATA, and TSIG pins is ignored.
5) The TLCLK signal becomes synchronous with RCLK instead of TCLK.
FRAMER LOOPBACK
RECEIVE
FRAMER
TRANSMIT
FRAMER
BACKPLANE
I/F
BACKPLANE
I/F
TPOS
TNEG
RPOS
RNEG
RSER
TSER
PAYLOAD LOOPBACK
(CAN BE DONE ON A PER-CHANNEL BASIS)
RECEIVE
FRAMER
TRANSMIT
FRAMER
BACKPLANE
I/F
BACKPLANE
I/F
TPOS
TNEG
RPOS
RNEG
RSER
TSER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com