Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 45Page - Dallas Semiconductor DS26401 Datasheet HTML 46Page - Dallas Semiconductor DS26401 Datasheet HTML 47Page - Dallas Semiconductor DS26401 Datasheet HTML 48Page - Dallas Semiconductor DS26401 Datasheet HTML 49Page - Dallas Semiconductor DS26401 Datasheet HTML 50Page - Dallas Semiconductor DS26401 Datasheet HTML 51Page - Dallas Semiconductor DS26401 Datasheet HTML 52Page - Dallas Semiconductor DS26401 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
49
Register Name:
RIOCR
Register Description:
Receive I/O Configuration Register
Register Address:
084h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
RCLKINV
RSYNCINV
H100EN
RSCLKM
RSMS
RSIO
RSMS2
RSMS1
Default
0
0
0
0
0
0
0
0
Bit 0 / RSYNC Mode Select 1 (RSMS1).
Selects frame or multiframe pulse when RSYNC pin is in output mode. In
input mode (elastic store must be enabled) multiframe mode is only useful when receive signaling reinsertion is
enabled.
0 = frame mode
1 = multiframe mode
Bit 1 / RSYNC Mode Select 2 (RSMS2)
T1:
RSYNC pin must be programmed in the output frame mode
0 = do not pulse double wide in signaling frames
1 = do pulse double wide in signaling frames
E1:
RSYNC pin must be programmed in the output multiframe mode
0 = RSYNC outputs CAS multiframe boundaries
1 = RSYNC outputs CRC4 multiframe boundaries
Bit 2 / RSYNC I/O Select (RSIO).
(Note: This bit must be set to zero when elastic store is disabled)
0 = RSYNC is an output
1 = RSYNC is an input (only valid if elastic store enabled)
Bit 3 / RSYNC Multiframe Skip Control (RSMS).
This bit is useful in framing format conversions from D4 to ESF.
This function is not available when the receive-side elastic store is enabled. RSYNC must be set to output
multiframe pulses.
0 = RSYNC outputs a pulse at every multiframe.
1 = RSYNC outputs a pulse at every other multiframe.
Bit 4 / RSYSCLK Mode Select (RSCLKM)
0 = if RSYSCLK is 1.544MHz
1 = if RSYSCLK is 2.048MHz or IBO enabled
Bit 5 / H.100 SYNC Mode (H100EN).
See additional details in Section 8.6.
0 = Normal operation
1 = RSYNC and TSSYNC signals are shifted.
Bit 6 / RSYNC Invert (RSYNCINV)
0 = No inversion
1 = Invert RSYNC output
Bit 7 / RCLK Invert (RCLKINV)
0 = No inversion
1 = Invert RCLK as input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com