Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 13Page - Dallas Semiconductor DS26401 Datasheet HTML 14Page - Dallas Semiconductor DS26401 Datasheet HTML 15Page - Dallas Semiconductor DS26401 Datasheet HTML 16Page - Dallas Semiconductor DS26401 Datasheet HTML 17Page - Dallas Semiconductor DS26401 Datasheet HTML 18Page - Dallas Semiconductor DS26401 Datasheet HTML 19Page - Dallas Semiconductor DS26401 Datasheet HTML 20Page - Dallas Semiconductor DS26401 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
17
5. SIGNAL DESCRIPTIONS
5.1 Receive Framer Signals
Signal Name:
RPOS (1–8)
Signal Description:
Receive Positive Data Input
Signal Type:
Input
Sampled on the falling edge of RCLK for bipolar data to be clocked through the receive side framer. Data on RPOS
and RNEG will typically be AMI, B8ZS, or HDB3 format bipolar data. RPOS can be used for unipolar (NRZ) data if
enabled by the Input Data Format bit (IDF) at RCR3.7.
Signal Name:
RNEG (1–8)
Signal Description:
Receive Negative Data Input
Signal Type:
Input
Sampled on the falling edge of RCLK for bipolar data to be clocked through the receive side framer. Data on RPOS
and RNEG will typically be AMI, B8ZS, or HDB3 format bipolar data. The RNEG input should be grounded when the
DS26401 is set to receive unipolar (NRZ) data, enabled by the Input Data Format bit (IDF) at RCR3.7.
Signal Name:
RCLK (1–8)
Signal Description:
Receive Clock
Signal Type:
Input
A 1.544MHz (T1) or 2.048MHz (E1) clock that is used to clock data through the receive side framer.
Signal Name:
RSER (1–8)
Signal Description:
Receive Serial Data
Signal Type:
Output
Received NRZ serial data. Updated on rising edges of RCLK when the receive side elastic store is disabled.
Updated on the rising edges of RSYSCLK when the receive side elastic store is enabled.
Signal Name:
RSIG (1–8)
Signal Description:
Receive Signaling Output
Signal Type:
Output
Outputs signaling bits in a PCM format. Updated on rising edges of RCLK when the receive side elastic store is
disabled. Updated on the rising edges of RSYSCLK when the receive side elastic store is enabled.
Signal Name:
RSYNC (1–8)
Signal Description:
Receive Sync
Signal Type:
Input/Output
An extracted pulse, one RCLK wide that identifies either frame or multiframe boundaries. If set to output frame
boundaries then RSYNC can be programmed to output doublewide pulses on signaling frames in T1 mode.
Signal Name:
RSYSCLK (1–8)
Signal Description:
Receive System Clock
Signal Type:
Input
1.544MHz, 2.048MHz, 4.096MHz, or 8.192MHz, or 16.384MHz receive backplane clock. Only used when the
receive-side elastic store function is enabled. Should be tied low in applications that do not use the receive-side
elastic store.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com