| Electronic Components Datasheet Search |
|
DS26401 Datasheet(PDF) 22 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS26401 Datasheet(HTML) 22 Page - Dallas Semiconductor |
|
22 / 309 page ![]() DS26401 Octal T1/E1/J1 Framer 22 5.5 Test Signal Name: JTRST Signal Description: IEEE 1149.1 Test Reset Signal Type: Input JTRST is used to asynchronously reset the test access port controller. After power-up, JTRST must be toggled from low to high. This action will set the device into the JTAG DEVICE ID mode. Pulling JTRST low restores normal device operation. JTRST is pulled high internally through a 10k W resistor operation. If boundary scan is not used, this pin should be held low. Signal Name: JTMS Signal Description: IEEE 1149.1 Test Mode Select Signal Type: Input This pin is sampled on the rising edge of JTCLK and is used to place the test access port into the various defined IEEE 1149.1 states. This pin has a 10k W pullup resistor. Signal Name: JTCLK Signal Description: IEEE 1149.1 Test Clock Signal Signal Type: Input This signal is used to shift data into JTDI on the rising edge and out of JTDO on the falling edge. Signal Name: JTDI Signal Description: IEEE 1149.1 Test Data Input Signal Type: Input Test instructions and data are clocked into this pin on the rising edge of JTCLK. This pin has a 10k W pullup resistor. Signal Name: JTDO Signal Description: IEEE 1149.1 Test Data Output Signal Type: Output Test instructions and data are clocked out of this pin on the falling edge of JTCLK. If not used, this pin should be left unconnected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |