Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 15Page - Dallas Semiconductor DS26401 Datasheet HTML 16Page - Dallas Semiconductor DS26401 Datasheet HTML 17Page - Dallas Semiconductor DS26401 Datasheet HTML 18Page - Dallas Semiconductor DS26401 Datasheet HTML 19Page - Dallas Semiconductor DS26401 Datasheet HTML 20Page - Dallas Semiconductor DS26401 Datasheet HTML 21Page - Dallas Semiconductor DS26401 Datasheet HTML 22Page - Dallas Semiconductor DS26401 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
19
5.2 Transmit Framer Signals
Signal Name:
TPOS (1–8)
Signal Description:
Transmit Positive Data Output
Signal Type:
Output
Update on the rising edge of TCLK with the bipolar data out of the transmit side formatter. Can be programmed to
source NRZ data via the output data format (TCR3.7) control bit.
Signal Name:
TNEG (1–8)
Signal Description:
Transmit Negative Data Output
Signal Type:
Output
Update on the rising edge of TCLK with the bipolar data out of the transmit side formatter.
Signal Name:
TCLK (1–8)
Signal Description:
Transmit Clock
Signal Type:
Input
A 1.544MHz or a 2.048MHz primary clock. Used to clock data through the transmit side formatter.
Signal Name:
TCLKO (1–8)
Signal Description:
Transmit Clock Output
Signal Type:
Output
This clock is provided to simplify interface to a line interface unit (LIU). This signal is used to register the TPOS and
TNEG outputs and is typically synchronous with the TCLK input. However, in framer and payload loopback
applications this signal becomes synchronous with RCLK.
Signal Name:
TSER (1–8)
Signal Description:
Transmit Serial Data
Signal Type:
Input
Transmit NRZ serial data. Sampled on the falling edge of TCLK when the transmit-side elastic store is disabled.
Sampled on the falling edge of TSYSCLK when the transmit side elastic store is enabled.
Signal Name:
TSIG (1–8)
Signal Description:
Transmit Signaling Input
Signal Type:
Input
When enabled, this input will sample signaling bits for insertion into outgoing PCM data stream. Sampled on the
falling edge of TCLK when the transmit-side elastic store is disabled. Sampled on the falling edge of TSYSCLK
when the transmit-side elastic store is enabled.
Signal Name:
TSYNC (1–8)
Signal Description:
Transmit Sync
Signal Type:
Input / Output
A pulse at this pin will establish either frame or multiframe boundaries for the transmit side. This signal can also be
programmed to output either a frame or multiframe pulse. If this pin is set to output pulses at frame boundaries, it
can also be set to output doublewide pulses at signaling frames in T1 mode.
Signal Name:
TSSYNC (1–8)
Signal Description:
Transmit System Sync
Signal Type:
Input
Only used when the transmit-side elastic store is enabled. A pulse at this pin will establish either frame or
multiframe boundaries for the transmit side. Should be tied low in applications that do not use the transmit-side
elastic store.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com