Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 65Page - Dallas Semiconductor DS26401 Datasheet HTML 66Page - Dallas Semiconductor DS26401 Datasheet HTML 67Page - Dallas Semiconductor DS26401 Datasheet HTML 68Page - Dallas Semiconductor DS26401 Datasheet HTML 69Page - Dallas Semiconductor DS26401 Datasheet HTML 70Page - Dallas Semiconductor DS26401 Datasheet HTML 71Page - Dallas Semiconductor DS26401 Datasheet HTML 72Page - Dallas Semiconductor DS26401 Datasheet HTML 73Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
69
8.10 DS0 Monitoring Function
The DS26401 can monitor one DS0 (64kbps) channel in the transmit direction and one DS0 channel in the receive
direction at the same time. In the receive direction, the RCM0 to RCM4 bits in the RDS0SEL register need to be
properly set and the DS0 channel pointed to by the RCM0 to RCM4 bits will appear in the receive DS0 (RDS0M)
register. The RCM4 to RCM0 bits should be programmed with the decimal decode of the appropriate T1 channel.
T1 channels 1 through 24 map to register values 0 through 23. For example, if DS0 channel 15 in the receive
direction needed to be monitored, then the following values would be programmed into RDS0SEL:
RCM4 = 0
RCM3 = 1
RCM2 = 1
RCM1 = 1
RCM0 = 0
Register Name:
RDS0SEL
Register Description:
Receive-Channel Monitor Select
Register Address:
012h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
RCM4
RCM3
RCM2
RCM1
RCM0
Default
0
0
0
0
0
0
0
0
Bits 0 to 4 / Receive-Channel Monitor Bits (RCM0 to RCM4).
RCM0 is the LSB of a 5-bit channel select that
determines which receive-DS0 channel data appears in the RDS0M register.
Bits 5–7 / Unused. Must be set = 0 for proper operation.
Register Name:
RDS0M
Register Description:
Receive-DS0 Monitor Register
Register Address:
060h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
B1
B2
B3
B4
B5
B6
B7
B8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7 / Receive-DS0 Channel Bits (B1 to B8).
Receive-channel data that has been selected by the receive-
channel monitor select register. B8 is the LSB of the DS0 channel (last bit to be received).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com