Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 97 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 97 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 93Page - Dallas Semiconductor DS26401 Datasheet HTML 94Page - Dallas Semiconductor DS26401 Datasheet HTML 95Page - Dallas Semiconductor DS26401 Datasheet HTML 96Page - Dallas Semiconductor DS26401 Datasheet HTML 97Page - Dallas Semiconductor DS26401 Datasheet HTML 98Page - Dallas Semiconductor DS26401 Datasheet HTML 99Page - Dallas Semiconductor DS26401 Datasheet HTML 100Page - Dallas Semiconductor DS26401 Datasheet HTML 101Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
97
Register Name:
RLS5
Register Description:
Receive Latched Status Register 5 (HDLC)
Register Address:
094h + (200h x n) : where n = 0 to 7, or Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
—
—
ROVR
RHOBT
RPE
RPS
RHWMS
RNES
Default
0
0
0
0
0
0
0
0
Note: All bits in this register are latched and can cause interrupts.
Bit 0 / Receive-FIFO Not Empty Set Event (RNES).
Set when the receive FIFO has transitioned from ‘empty’ to
‘not-empty’ (at least one byte has been put into the FIFO). Rising edge detect of RNE.
Bit 1 / Receive-FIFO Above High-Watermark Set Event (RHWMS).
Set when the receive-64-byte FIFO crosses
the high watermark as defined by the receive HDLC FIFO control register (RHFC). Rising edge detect of RHWM.
Bit 2 / Receive Packet Start Event (RPS).
Set when the HDLC controller detects an opening byte. This is a
latched bit and will be cleared when read.
Bit 3 / Receive Packet End Event (RPE).
Set when the HDLC controller detects either the finish of a valid
message (i.e., CRC check complete) or when the controller has experienced a message fault such as a CRC
checking error, or an overrun condition, or an abort has been seen. This is a latched bit and is cleared when read.
Bit 4 / Receive HDLC Opening Byte Event (RHOBT).
Set when the next byte available in the receive FIFO is the
first byte of a message.
Bit 5 / Receive FIFO Overrun (ROVR).
Set when the receive HDLC controller has terminated packet reception
because the FIFO buffer is full.
Bits 6, 7 / Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com