Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 41Page - Dallas Semiconductor DS26401 Datasheet HTML 42Page - Dallas Semiconductor DS26401 Datasheet HTML 43Page - Dallas Semiconductor DS26401 Datasheet HTML 44Page - Dallas Semiconductor DS26401 Datasheet HTML 45Page - Dallas Semiconductor DS26401 Datasheet HTML 46Page - Dallas Semiconductor DS26401 Datasheet HTML 47Page - Dallas Semiconductor DS26401 Datasheet HTML 48Page - Dallas Semiconductor DS26401 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
45
8.5 T1 Receive Control Registers
These registers provide the primary setup and control of the receive framers.
Register Name:
RCR1
Register Description:
Receive Control Register 1
Register Address:
081h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
SYNCT
RB8ZS
RFM
ARC
SYNCC
RJC
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0 / Resynchronize (RESYNC).
When toggled from low to high, a resynchronization of the receive-side framer is
initiated. Must be cleared and set again for a subsequent resync.
Bit 1 / Sync Enable (SYNCE)
0 = auto resync enabled
1 = auto resync disabled
Bit 2 / Receive Japanese CRC6 Enable (RJC)
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT-G704 CRC6 calculation
Bit 3 / Sync Criteria (SYNCC)
In D4 Framing Mode:
0 = search for Ft pattern, then search for Fs pattern
1 = cross couple Ft and Fs pattern
In ESF Framing Mode:
0 = search for FPS pattern only
1 = search for FPS and verify with CRC6
Bit 4 / Auto Resync Criteria (ARC)
0 = Resync on OOF or LOS event
1 = Resync on OOF only
Bit 5 / Receive Frame Mode Select (RFM)
0 = ESF framing mode
1 = D4 framing mode
Bit 6 / Receive B8ZS Enable (RB8ZS)
0 = B8ZS disabled
1 = B8ZS enabled
Bit 7 / Sync Time (SYNCT)
0 = qualify 10 bits
1 = qualify 24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com