Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 4Page - Dallas Semiconductor DS26401 Datasheet HTML 5Page - Dallas Semiconductor DS26401 Datasheet HTML 6Page - Dallas Semiconductor DS26401 Datasheet HTML 7Page - Dallas Semiconductor DS26401 Datasheet HTML 8Page - Dallas Semiconductor DS26401 Datasheet HTML 9Page - Dallas Semiconductor DS26401 Datasheet HTML 10Page - Dallas Semiconductor DS26401 Datasheet HTML 11Page - Dallas Semiconductor DS26401 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
8
2. FEATURES
2.1 Framer/Formatter
§
Fully Independent Transmit and Receive Functionality
§
Full Receive and Transmit Path Transparency
§
T1 Framing Formats D4 and ESF per T1.403, and Expanded SLC-96 Support (TR-TSY-008)
§
E1 FAS Framing and CRC-4 Multiframe per G.704/G.706 and G.732 CAS Multiframe
§
Detailed Alarm and Status Reporting with Optional Interrupt Support
§
Large Path and Line Error Counters for
T1: BPV, CV, CRC6, and Framing Bit Errors
E1: BPV, CV, CRC4, E-Bit, and Frame Alignment Errors
Timed or Manual Update Modes
§
DS1 Idle Code Generation on a Per-Channel Basis in Both Transmit and Receive Paths
User-Defined
Digital Milliwatt
§
ANSI T1.403-1998 Support
§
G.965 V5.2 Link Detect
§
Ability to Monitor One DS0 Channel in Both the Transmit and Receive Paths
§
In-Band Repeating Pattern Generators and Detectors
Three Independent Detectors
Patterns from 1 to 8 bits or 16 bits in Length
§
Bit Oriented Code (BOC) Support
§
Flexible Signaling Support
Software- or Hardware-Based
Interrupt Generated on Change of Signaling Data
Signaling Debounce
Optional Receive Signaling Freeze on Loss of Frame (LOF), Loss of Signal (LOS), or Change-of-Frame
Alignment
§
Hardware Pins Provided to Indicate Loss of Frame, Loss of Signal, Loss-of-Transmit Clock (LOTC), or
Signaling Freeze Condition
§
Automatic RAI Generation to ETS 300 011 Specifications
§
RAI-CI and AIS-CI Support
§
Expanded Access to Sa and Si Bits
§
Option to Extend Carrier Loss Criteria to a 1ms Period as per ETS 300 233
§
Japanese J1 Support
Ability to Calculate and Check CRC6 According to the Japanese Standard
Ability to Generate Yellow Alarm According to the Japanese Standard
2.2 System Interface
§
Independent Two-Frame Receive and Transmit Elastic Stores
Independent Control and Clocking
Controlled Slip Capability with Status
Minimum Delay Mode Supported
§
Maximum Backplane Rate of 16.384MHz in IBO Mode
§
Supports T1 to E1 Conversion
§
Programmable Output Clocks for Fractional T1, E1, H0, and H12 Applications
§
Interleaving PCM Bus Operation (IBO)
§
Hardware Signaling Capability
Receive Signaling Reinsertion to a Backplane Multiframe Sync
Availability of Signaling in a Separate PCM Data Stream
Signaling Freezing
§
Ability to Pass the T1 F-Bit Position Through the Elastic Stores in the 2.048MHz Backplane Mode
§
User-Selectable Synthesized Clock Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com