Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 23Page - Dallas Semiconductor DS26401 Datasheet HTML 24Page - Dallas Semiconductor DS26401 Datasheet HTML 25Page - Dallas Semiconductor DS26401 Datasheet HTML 26Page - Dallas Semiconductor DS26401 Datasheet HTML 27Page - Dallas Semiconductor DS26401 Datasheet HTML 28Page - Dallas Semiconductor DS26401 Datasheet HTML 29Page - Dallas Semiconductor DS26401 Datasheet HTML 30Page - Dallas Semiconductor DS26401 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
27
7.3 IBO Multiplexer
The IBO multiplexer is used with the IBO function located within each framer/formatter block (controlled by the
RIBOC and TIBOC registers). When enabled, the IBO multiplexer simplifies user interface by connecting TDM bus
signals internally. The IBO multiplexer eliminates the need for ganged external wiring and tri-state output drivers on
the RSER and RSIG pins.
The DS26401 also supports the traditional mode of IBO operation by allowing complete access to individual framers
and tri-stating the RSER and RSIG pins at the appropriate times for external bus wiring. This operation mode is
enabled per framer in the associated RIBOC and TIBOC registers, while leaving the IBO multiplexer disabled
(IBOMS0 = 0 and IBOMS1 = 0).
Figure 7-1, Figure 7-2, and Figure 7-3 show the equivalent internal circuit for each IBO mode. Table 7-1 describes
the pin function changes for each mode of the IBO multiplexer.
The transmit and receive IBO functions are described in Sections 8.21 (T1 XMIT), 9.20 (T1 REC), 10.17 (E1 XMIT),
and 11.19 (E1 REC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com