Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 28Page - Dallas Semiconductor DS26401 Datasheet HTML 29Page - Dallas Semiconductor DS26401 Datasheet HTML 30Page - Dallas Semiconductor DS26401 Datasheet HTML 31Page - Dallas Semiconductor DS26401 Datasheet HTML 32Page - Dallas Semiconductor DS26401 Datasheet HTML 33Page - Dallas Semiconductor DS26401 Datasheet HTML 34Page - Dallas Semiconductor DS26401 Datasheet HTML 35Page - Dallas Semiconductor DS26401 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
32
Table 7-1. Pin Functions with IBO Mux Enabled (continued)
TSER Input Pin Definitions
NAME
NORMAL USE
4.096MHz IBO
8.192MHz IBO
16.384MHz IBO
TSER1
Tx Serial Data for Port # 1
Combined Tx Serial
Data for Ports 1 & 2
Combined Tx Serial
Data for Ports 1–4
Tx Serial Data for Ports
1–8
TSER2
Tx Serial Data for Port # 2
Unused
Unused
Unused
TSER3
Tx Serial Data for Port # 3
Combined Tx Serial
Data for Ports 3 & 4
Unused
Unused
TSER4
Tx Serial Data for Port # 4
Unused
Unused
Unused
TSER5
Tx Serial Data for Port # 5
Combined Tx Serial
Data for Ports 5 & 6
Combined Tx Serial
Data for Ports 5–8
Unused
TSER6
Tx Serial Data for Port # 6
Unused
Unused
Unused
TSER7
Tx Serial Data for Port # 7
Combined Tx Serial
Data for Ports 7 & 8
Unused
Unused
TSER8
Tx Serial Data for Port # 8
Unused
Unused
Unused
TSIG Input Pin Definitions
NAME
NORMAL USE
4.096MHz IBO
8.192MHz IBO
16.384MHz IBO
TSIG1
Tx Signaling Data for Port # 1
Combined Tx
Signaling Data for
Ports 1 & 2
Combined Tx
Signaling Data for
Ports 1–4
Tx Signaling Data for
Ports 1–8
TSIG2
Tx Signaling Data for Port # 2
Unused
Unused
Unused
TSIG3
Tx Signaling Data for Port # 3
Combined Tx
Signaling Data for
Ports 3 & 4
Unused
Unused
TSIG4
Tx Signaling Data for Port # 4
Unused
Unused
Unused
TSIG5
Tx Signaling Data for Port # 5
Combined Tx
Signaling Data for
Ports 5 & 6
Combined Tx
Signaling Data for
Ports 5–8
Unused
TSIG6
Tx Signaling Data for Port # 6
Unused
Unused
Unused
TSIG7
Tx Signaling Data for Port # 7
Combined Tx
Signaling Data for
Ports 7 & 8
Unused
Unused
TSIG8
Tx Signaling Data for Port # 8
Unused
Unused
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com