Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 8Page - Dallas Semiconductor DS26401 Datasheet HTML 9Page - Dallas Semiconductor DS26401 Datasheet HTML 10Page - Dallas Semiconductor DS26401 Datasheet HTML 11Page - Dallas Semiconductor DS26401 Datasheet HTML 12Page - Dallas Semiconductor DS26401 Datasheet HTML 13Page - Dallas Semiconductor DS26401 Datasheet HTML 14Page - Dallas Semiconductor DS26401 Datasheet HTML 15Page - Dallas Semiconductor DS26401 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
12
Figure 3-4. Typical NRZ Network-Side Interface to Framers
RPOSx
RCLKx
RNEGx
TPOSx
TCLKx
TNEGx
1 OF 8 FRAMERS
2.048MHz or
1.544MHz
T1/E1 LIU
OR OTHER
SOURCE OF
NRZ DATA
DS26401
NOTE: SET TCR3.7 = 1 TO SELECT NRZ MODE FOR TPOSx. SET RCR3.6 = 1 TO SELECT NRZ MODE FOR RPOSx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com