Electronic Components Datasheet Search
  English  ▼

X  

DS26401 Datasheet(PDF) 93 Page - Dallas Semiconductor

Part # DS26401
Description  Octal T1/E1/J1 Framer
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26401 Datasheet(HTML) 93 Page - Dallas Semiconductor

Back Button DS26401 Datasheet HTML 89Page - Dallas Semiconductor DS26401 Datasheet HTML 90Page - Dallas Semiconductor DS26401 Datasheet HTML 91Page - Dallas Semiconductor DS26401 Datasheet HTML 92Page - Dallas Semiconductor DS26401 Datasheet HTML 93Page - Dallas Semiconductor DS26401 Datasheet HTML 94Page - Dallas Semiconductor DS26401 Datasheet HTML 95Page - Dallas Semiconductor DS26401 Datasheet HTML 96Page - Dallas Semiconductor DS26401 Datasheet HTML 97Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 309 page
background image
DS26401 Octal T1/E1/J1 Framer
93
Register Name:
RHBSE
Register Description:
Receive HDLC Bit Suppress Register
Register Address:
011h + (200h x n) : where n = 0 to 7, for Ports 1 to 8
Bit #
7
6
5
4
3
2
1
0
Name
BSE8
BSE7
BSE6
BSE5
BSE4
BSE3
BSE2
BSE1
Default
0
0
0
0
0
0
0
0
Bit 0 / Receive Channel Bit 1 Suppress (BSE1).
LSB of the channel. Set to one to stop this bit from being used.
Bit 1 / Receive Channel Bit 2 Suppress (BSE2).
Set to one to stop this bit from being used
Bit 2 / Receive Channel Bit 3 Suppress (BSE3).
Set to one to stop this bit from being used
Bit 3 / Receive Channel Bit 4 Suppress (BSE4).
Set to one to stop this bit from being used
Bit 4 / Receive Channel Bit 5 Suppress (BSE5).
Set to one to stop this bit from being used
Bit 5 / Receive Channel Bit 6 Suppress (BSE6).
Set to one to stop this bit from being used.
Bit 6 / Receive Channel Bit 7 Suppress (BSE7).
Set to one to stop this bit from being used.
Bit 7 / Receive Channel Bit 8 Suppress (BSE8).
MSB of the channel. Set to one to stop this bit from being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com