Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 110 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 110 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 106Page - Texas Instruments TDA2EX Datasheet HTML 107Page - Texas Instruments TDA2EX Datasheet HTML 108Page - Texas Instruments TDA2EX Datasheet HTML 109Page - Texas Instruments TDA2EX Datasheet HTML 110Page - Texas Instruments TDA2EX Datasheet HTML 111Page - Texas Instruments TDA2EX Datasheet HTML 112Page - Texas Instruments TDA2EX Datasheet HTML 113Page - Texas Instruments TDA2EX Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 391 page
background image
110
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed
(MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC / Source
Name
GPMC
GPMC_FCLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPU
GPU_FCLK1
Func
GPU_CLK
GPU_CORE_GCLK
CORE_GPU_CLK
DPLL_CORE
PER_GPU_CLK
DPLL_PER
GPU_GCLK
DPLL_GPU
GPU_FCLK2
Func
GPU_CLK
GPU_HYD_GCLK
CORE_GPU_CLK
DPLL_CORE
PER_GPU_CLK
DPLL_PER
GPU_GCLK
DPLL_GPU
GPU_ICLK
Int
266
GPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
HDMI PHY
DSS_HDMI_PHY_CL
K
Func
38.4
HDMI_PHY_GFCLK
FUNC_192M_CLK
DPLL_PER
HDQ1W
HDQ1W_ICLK
Int &
Func
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
HDQ1W_FCLK
Func
12
PER_12M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C1
I2C1_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C1_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C2
I2C2_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C2_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C3
I2C3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C3_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C4
I2C4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C4_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C5
I2C5_ICLK
Int
266
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C5_FCLK
Func
96
IPU_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C6
I2C6_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C6_FCLK
Func
96
IPU_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
IEEE1500_2_OC
P
PI_L3CLK
Int &
Func
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
IPU1
IPU1_GFCLK
Int &
Func
425.6
IPU1_GFCLK
DPLL_ABE_X2_CL
K
DPLL_ABE
CORE_IPU_ISS_B
OOST_CLK
DPLL_CORE
IPU2
IPU2_GFCLK
Int &
Func
425.6
IPU2_GFCLK
CORE_IPU_ISS_B
OOST_CLK
DPLL_CORE
IVA
IVA_GCLK
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
KBD
KBD_FCLK
Func
0.032
WKUPAON_SYS_GFC
LK
WKUPAON_32K_
GFCLK
OSC1
PICLKKBD
Func
0.032
WKUPAON_SYS_GFC
LK
KBD_ICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
PICLKOCP
Int
38.4
WKUPAON_GICLK
DPLL_ABE_X2_CL
K
DPLL_ABE
L3_INSTR
L3_CLK
Int
L3_CLK
L3INSTR_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L3_MAIN
L3_CLK1
Int
L3_CLK
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L3_CLK2
Int
L3_CLK
L3INSTR_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_CFG
L4_CFG_CLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER1
L4_PER1_CLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER2
L4_PER2_CLK
Int
133
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER3
L4_PER3_CLK
Int
133
L4PER3_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com