Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 111 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 111 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 107Page - Texas Instruments TDA2EX Datasheet HTML 108Page - Texas Instruments TDA2EX Datasheet HTML 109Page - Texas Instruments TDA2EX Datasheet HTML 110Page - Texas Instruments TDA2EX Datasheet HTML 111Page - Texas Instruments TDA2EX Datasheet HTML 112Page - Texas Instruments TDA2EX Datasheet HTML 113Page - Texas Instruments TDA2EX Datasheet HTML 114Page - Texas Instruments TDA2EX Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 391 page
background image
111
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed
(MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC / Source
Name
L4_WKUP
L4_WKUP_CLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
MAILBOX1
MAILBOX1_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX2
MAILBOX2_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX3
MAILBOX3_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX4
MAILBOX4_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX5
MAILBOX5_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX6
MAILBOX6_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX7
MAILBOX7_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX8
MAILBOX8_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX9
MAILBOX9_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX10
MAILBOX10_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX11
MAILBOX11_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX12
MAILBOX12_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX13
MAILBOX13_FLCK
Int
266
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com