Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 137 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 137 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 133Page - Texas Instruments TDA2EX Datasheet HTML 134Page - Texas Instruments TDA2EX Datasheet HTML 135Page - Texas Instruments TDA2EX Datasheet HTML 136Page - Texas Instruments TDA2EX Datasheet HTML 137Page - Texas Instruments TDA2EX Datasheet HTML 138Page - Texas Instruments TDA2EX Datasheet HTML 139Page - Texas Instruments TDA2EX Datasheet HTML 140Page - Texas Instruments TDA2EX Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 391 page
background image
Note 8
Note 9
Note 10
Note 4
Note 5
Note 3
vdds18v, vdds_mlbp, vdds18v_ddr1
vdda_per, vdda_ddr, vdda_debug,
vdda_core_gmac, vdda_gpu,
vdda_video, vdda_osc, vdda_csi,
vdda_mpu_abe
vdds_ddr1, ddr1_vref0
vdd
VD_CORE BOOT voltage
VD_DSP BOOT voltage
vdd_dsp
vdda_usb1, vdda_usb2, vdda_hdmi,
vdda_pcie, vdda_usb3
vddshv1, vddshv3, vddshv4,
vddshv7, vddshv9,
vddshv10, vddshv11
vdda33v_usb1, vdda33v_usb2
vddshv8
xi_osc0
resetn/porz
sysboot[15:0]
rstoutn
SPRS960_ELCH_04
Valid Config
Note 7
137
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-4 and Figure 5-5, describe the device Power Sequencing.
Figure 5-4. Power-Up Sequencing
(1) Grey shaded areas are windows where it is valid to ramp the voltage rail.
(2) Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note.
(3) vdd must ramp before or at the same time as vdd_dsp.
(4) If any of the vddshv1, vddshv3, vddshv4, vddshv7, vddshv[9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can
be combined with vdds18v.
(5) vddshv8 is separated out to show support for dual voltage. If single voltage is used then vddshv8 can be combined with other vddshvn
rails but vddshv8 must ramp after vdd.
(6) vdds and vdda rails must not be combined together.
(7) Pulse duration: resetn/porz must remain low a minimum of 12P(11) after xi_osc0 is stable and at a valid frequency.
(8) Setup time: sysboot[15:0] pins must be valid 2P(11) before porz is de-asserted high.
(9) Hold time: sysboot[15:0] pins must be valid 15P(11) after porz is de-asserted high.
(10) resetn to rstoutn delay is 2ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com