Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 138 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 138 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 134Page - Texas Instruments TDA2EX Datasheet HTML 135Page - Texas Instruments TDA2EX Datasheet HTML 136Page - Texas Instruments TDA2EX Datasheet HTML 137Page - Texas Instruments TDA2EX Datasheet HTML 138Page - Texas Instruments TDA2EX Datasheet HTML 139Page - Texas Instruments TDA2EX Datasheet HTML 140Page - Texas Instruments TDA2EX Datasheet HTML 141Page - Texas Instruments TDA2EX Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 391 page
background image
138
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(11) P = 1/(SYS_CLK1/610) frequency in ns.
Figure 5-5. Power-Down Sequencing
(1) Grey shaded areas are windows where it is valid to ramp the voltage rail.
(2) Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note.
(3) xi_osc0 can be turned off anytime after porz assertion and must be turned off before vdda_osc voltage rail is shutdown.
(4) vdd must ramp after or at the same time as vdd_dsp.
(5) If any of the vddshv1, vddshv3, vddshv4, vddshv7, vddshv[9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can
be combined with vdds18v.
–
vddshv1, vddshv3, vddshv4, vddshv7, vddshv[9-11] is allowed to ramp down at either of the two points shown in the timing diagram
in either 1.8V mode or in 3.3V mode.
–
If vddshv1, vddshv3, vddshv4, vddshv7, vddshv[9-11] ramps down at the later time in the diagram then the board design must
guarantee that the vddshv[1-7,9-11] rail is never higher than 2.0 V above the vdds18v rail.
(6) vddshv8 is separated out to show support for dual voltage. If a dedicated LDO/supply source is used for vddshv8, then vddshv8 ramp
down should occur at one of the two earliest points in the timing diagram. If vddshv8 is powered by the same supply source as the other
vddshvn rails, then it is allowed to ramp down at either of the last two points in the timing diagram.
(7) Ramped Down is defined as reaching a voltage level of no more than 0.6V.
Figure 5-6 describes vddshv[1-7,9-11] Supplies Falling Before vdds18v Supplies Delta.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com