Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 152 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 152 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 148Page - Texas Instruments TDA2EX Datasheet HTML 149Page - Texas Instruments TDA2EX Datasheet HTML 150Page - Texas Instruments TDA2EX Datasheet HTML 151Page - Texas Instruments TDA2EX Datasheet HTML 152Page - Texas Instruments TDA2EX Datasheet HTML 153Page - Texas Instruments TDA2EX Datasheet HTML 154Page - Texas Instruments TDA2EX Datasheet HTML 155Page - Texas Instruments TDA2EX Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 391 page
background image
vinx_clki
V2
V1
V3
SPRS906_TIMING_VIP_01
152
TDA2EG-17
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-26. Modes Summary (continued)
Virtual or Manual IO Mode Name
Data Manual Timing Mode
VIP_MANUAL12
VIN1A (IOSET2/3/4) and VIN1B (IOSET4) and VIN2B (IOSET1/10) Fall-Edge Capture
Mode Timings
VIP_MANUAL14
VIN1B (IOSET6/7) Fall-Edge Capture Mode Timings
VIP_MANUAL15
VIN1A (IOSET8/9/10) Rise-Edge Capture Mode Timings
VIP_MANUAL16
VIN1A (IOSET8/9/10) Fall-Edge Capture Mode Timings
HDMI, EMIF, Timers, I2C, UART, McSPI, USB, PCIe, DCAN, GPIO, PWM, JTAG, TPIU, SDMA, INTC
No Virtual or Manual IO Timing Mode Required
All Modes
5.9.6.3
VIP
The Device includes 1 Video Input Ports (VIP).
Table 5-27, Figure 5-16 and Figure 5-17 present timings and switching characteristics of the VIPs.
CAUTION
The I/O timings provided in this section are valid only for VIN1 and VIN2 if
signals within a single IOSET are used. The IOSETs are defined in Table 5-28.
Table 5-27. Timing Requirements for VIP (3)(4)(5)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
V1
tc(CLK)
Cycle time, vinx_clki (3) (5)
6.06 (2)
ns
V2
tw(CLKH)
Pulse duration, vinx_clki high (3) (5)
0.45 × P
(2)
ns
V3
tw(CLKL)
Pulse duration, vinx_clki low (3) (5)
0.45 × P
(2)
ns
V4
tsu(CTL/DATA-CLK)
Input setup time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
vinx_hsynci) and Data (vinx_dn) valid to vinx_clki transition (3) (4) (5)
3.11 (2)
ns
V6
th(CLK-CTL/DATA)
Input hold time, Control (vinx_dei, vinx_vsynci, vinx_fldi, vinx_hsynci)
and Data (vinx_dn) valid from vinx_clki transition (3) (4) (5)
-0.05 (2)
ns
(1) For maximum frequency of 165 MHz.
(2) P = vinx_clki period.
(3) x in vinx = 1a, 1b, 2a, 2b.
(4) n in dn = 0 to 7 when x = 1b, 2b.
n = 0 to 23 when x = 1a, 2a.
(5) i in clki, dei, vsynci, hsynci and fldi = 0 or 1.
Figure 5-16. Video Input Ports clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com