Electronic Components Datasheet Search
  English  ▼

X  

TDA2EX Datasheet(PDF) 151 Page - Texas Instruments

Part # TDA2EX
Description  SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
PDF  391 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EX Datasheet(HTML) 151 Page - Texas Instruments

Back Button TDA2EX Datasheet HTML 147Page - Texas Instruments TDA2EX Datasheet HTML 148Page - Texas Instruments TDA2EX Datasheet HTML 149Page - Texas Instruments TDA2EX Datasheet HTML 150Page - Texas Instruments TDA2EX Datasheet HTML 151Page - Texas Instruments TDA2EX Datasheet HTML 152Page - Texas Instruments TDA2EX Datasheet HTML 153Page - Texas Instruments TDA2EX Datasheet HTML 154Page - Texas Instruments TDA2EX Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 391 page
background image
151
TDA2EG-17
www.ti.com
SPRS969B – AUGUST 2016 – REVISED JUNE 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG-17
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-26. Modes Summary (continued)
Virtual or Manual IO Mode Name
Data Manual Timing Mode
No Virtual or Manual IO Timing Mode Required
McASP4 Synchronous Transmit Timings
MCASP4_VIRTUAL1_SYNC_RX
See Table 5-71
No Virtual or Manual IO Timing Mode Required
McASP5 Synchronous Transmit Timings
MCASP5_VIRTUAL1_SYNC_RX
See Table 5-72
No Virtual or Manual IO Timing Mode Required
McASP6 Synchronous Transmit Timings
MCASP6_VIRTUAL1_SYNC_RX
See Table 5-73
No Virtual or Manual IO Timing Mode Required
McASP7 Synchronous Transmit Timings
MCASP7_VIRTUAL2_SYNC_RX
See Table 5-74
No Virtual or Manual IO Timing Mode Required
McASP8 Synchronous Transmit Timings
MCASP8_VIRTUAL1_SYNC_RX
See Table 5-75
eMMC/SD/SDIO
No Virtual or Manual IO Timing Mode Required
MMC1 DS (Pad Loopback), HS (Internal Loopback and Pad Loopback), SDR12
(Internal Loopback and Pad Loopback), and SDR25 Timings (Internal Loopback and
Pad Loopback) Timings
MMC1_VIRTUAL1
MMC1 SDR50 (Pad Loopback) Timings
MMC1_VIRTUAL4
MMC1 DS (Internal Loopback) Timings
MMC1_VIRTUAL5
MMC1 SDR50 (Internal Loopback) Timings
MMC1_VIRTUAL6
MMC1 DDR50 (Internal Loopback) Timings
MMC1_MANUAL1
MMC1 DDR50 (Pad Loopback) Timings
MMC1_MANUAL2
MMC1 SDR104 Timings
No Virtual or Manual IO Timing Mode Required
MMC2 Standard (Pad Loopback), High Speed (Pad Loopback) Timings
MMC2_VIRTUAL2
MMC2 Standard (Internal Loopback), High Speed (Internal Loopback) Timings
MMC2_MANUAL1
MMC2 DDR (Pad Loopback) Timings
MMC2_MANUAL2
MMC2 DDR (Internal Loopback Manual) Timings
MMC2_MANUAL3
MMC2 HS200 Timings
No Virtual or Manual IO Timing Mode Required
MMC3 DS, SDR12, HS, SDR25 Timings
MMC3_MANUAL1
MMC3 SDR50 Timings
No Virtual or Manual IO Timing Mode Required
MMC4 DS, SDR12, HS, SDR25 Timings
QSPI
No Virtual or Manual IO Timing Mode Required
QSPI Mode 3 Timings
QSPI1_MANUAL1
QSPI Mode 0 Timings
GMAC
No Virtual or Manual IO Timing Mode Required
GMAC MII0/1 Timings
GMAC_RGMII0_MANUAL1
GMAC RGMII0 with Transmit Clock Internal Delay Enabled
GMAC_RGMII1_MANUAL1
GMAC RGMII1 with Transmit Clock Internal Delay Enabled
GMAC_RMII0_MANUAL1
GMAC RMII0 Timings
GMAC_RMII1_MANUAL1
GMAC RMII1 Timings
VIP
VIP_MANUAL3
VIN2A (IOSET4/5/6) Rise-Edge Capture Mode Timings
VIP_MANUAL4
VIN2B (IOSET7/8/9) Rise-Edge Capture Mode Timings
VIP_MANUAL5
VIN2A (IOSET4/5/6) Fall-Edge Capture Mode Timings
VIP_MANUAL6
VIN2B (IOSET7/8/9) Fall-Edge Capture Mode Timings
VIP_MANUAL7
VIN1A (IOSET2/3/4) and VIN1B (IOSET4) and VIN2B (IOSET1/10) Rise-Edge Capture
Mode Timings
VIP_MANUAL9
VIN1B (IOSET6/7) Rise-Edge Capture Mode Timings
VIP_MANUAL10
VIN1B (IOSET5) and VIN2B (IOSET2/11) Rise-Edge Capture Mode Timings
VIP_MANUAL11
VIN1B (IOSET5) and VIN2B (IOSET2/11) Fall-Edge Capture Mode Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com