Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 171 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 171 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 167Page - Texas Instruments PCI7510 Datasheet HTML 168Page - Texas Instruments PCI7510 Datasheet HTML 169Page - Texas Instruments PCI7510 Datasheet HTML 170Page - Texas Instruments PCI7510 Datasheet HTML 171Page - Texas Instruments PCI7510 Datasheet HTML 172Page - Texas Instruments PCI7510 Datasheet HTML 173Page - Texas Instruments PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 234 page
background image
8–12
8.14 Posted Write Address High Register
The posted write address high register communicates error information if a write request is posted and an error occurs
while writing the posted data packet. See Table 8–10 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Posted write address high
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Posted write address high
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Posted write address high
Offset:
3Ch
Type:
Read/Update
Default:
XXXX XXXXh
Table 8–10. Posted Write Address High Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–16
sourceID
RU
This field is the 10-bit bus number (bits 31–22) and 6-bit node number (bits 21–16) of the node that
issued the write request that failed.
15–0
offsetHi
RU
The upper 16 bits of the 1394 destination offset of the write request that failed.
8.15 Vendor ID Register
The vendor ID register holds the company ID of an organization that specifies any vendor-unique registers. The
PCI7510 device implements Texas Instruments unique behavior with regards to OHCI. Thus, this register is read-only
and returns 0108 0028h when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
1
0
1
0
0
0
Register:
Vendor ID
Offset:
40h
Type:
Read-only
Default:
0108 0028h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com