Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 174 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 174 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 170Page - Texas Instruments PCI7510 Datasheet HTML 171Page - Texas Instruments PCI7510 Datasheet HTML 172Page - Texas Instruments PCI7510 Datasheet HTML 173Page - Texas Instruments PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments PCI7510 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 234 page
background image
8–15
8.18 Self-ID Count Register
The self-ID count register keeps a count of the number of times the bus self-ID process has occurred, flags self-ID
packet errors, and keeps a count of the self-ID data in the self-ID buffer. See Table 8–12 for a complete description
of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Self-ID count
Type
RU
R
R
R
R
R
R
R
RU
RU
RU
RU
RU
RU
RU
RU
Default
X
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Self-ID count
Type
R
R
R
R
R
RU
RU
RU
RU
RU
RU
RU
RU
RU
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Self-ID count
Offset:
68h
Type:
Read/Update, Read-only
Default:
X0XX 0000h
Table 8–12. Self-ID Count Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
selfIDError
RU
When bit 31 is set to 1, an error was detected during the most recent self-ID packet reception. The
contents of the self-ID buffer are undefined. This bit is cleared after a self-ID reception in which no
errors are detected. Note that an error can be a hardware error or a host bus write error.
30–24
RSVD
R
Reserved. Bits 30–24 return 0s when read.
23–16
selfIDGeneration
RU
The value in this field increments each time a bus reset is detected. This field rolls over to 0 after
reaching 255.
15–11
RSVD
R
Reserved. Bits 15–11 return 0s when read.
10–2
selfIDSize
RU
This field indicates the number of quadlets that have been written into the self-ID buffer for the current
bits 23–16 (selfIDGeneration field). This includes the header quadlet and the self-ID data. This field
is cleared to 0s when the self-ID reception begins.
1–0
RSVD
R
Reserved. Bits 1 and 0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com