Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 176 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 176 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 172Page - Texas Instruments PCI7510 Datasheet HTML 173Page - Texas Instruments PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments PCI7510 Datasheet HTML 178Page - Texas Instruments PCI7510 Datasheet HTML 179Page - Texas Instruments PCI7510 Datasheet HTML 180Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 234 page
background image
8–17
Table 8–13. Isochronous Receive Channel Mask High Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
6
isoChannel38
RSC
When bit 6 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 38.
5
isoChannel37
RSC
When bit 5 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 37.
4
isoChannel36
RSC
When bit 4 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 36.
3
isoChannel35
RSC
When bit 3 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 35.
2
isoChannel34
RSC
When bit 2 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 34.
1
isoChannel33
RSC
When bit 1 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 33.
0
isoChannel32
RSC
When bit 0 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 32.
8.20 Isochronous Receive Channel Mask Low Register
The isochronous receive channel mask low set/clear register enables packet receives from the lower 32 isochronous
data channels. See Table 8–14 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Isochronous receive channel mask low
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Isochronous receive channel mask low
Type
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
RSC
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Isochronous receive channel mask low
Offset:
78h
set register
7Ch
clear register
Type:
Read/Set/Clear
Default:
XXXX XXXXh
Table 8–14. Isochronous Receive Channel Mask Low Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
isoChannel31
RSC
When bit 31 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 31.
30
isoChannel30
RSC
When bit 30 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 30.
29–2
isoChanneln
RSC
Bits 29 through 2 (isoChanneln, where n = 29, 28, 27,
…, 2) follow the same pattern as bits 31 and 30.
1
isoChannel1
RSC
When bit 1 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 1.
0
isoChannel0
RSC
When bit 0 is set to 1, the PCI7510 device is enabled to receive from isochronous channel number 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com