Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 180 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 180 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments PCI7510 Datasheet HTML 178Page - Texas Instruments PCI7510 Datasheet HTML 179Page - Texas Instruments PCI7510 Datasheet HTML 180Page - Texas Instruments PCI7510 Datasheet HTML 181Page - Texas Instruments PCI7510 Datasheet HTML 182Page - Texas Instruments PCI7510 Datasheet HTML 183Page - Texas Instruments PCI7510 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 234 page
background image
8–21
Table 8–16. Interrupt Mask Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
18
regAccessFail
RSC
When this bit and bit 18 (regAccessFail) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this register-access-failed interrupt mask enables interrupt generation.
17
busReset
RSC
When this bit and bit 17 (busReset) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this bus-reset interrupt mask enables interrupt generation.
16
selfIDcomplete
RSC
When this bit and bit 16 (selfIDcomplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this self-ID-complete interrupt mask enables interrupt generation.
15
selfIDcomplete2
RSC
When this bit and bit 15 (selfIDcomplete2) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this second-self-ID-complete interrupt mask enables interrupt generation.
14–10
RSVD
R
Reserved. Bits 14–10 return 0s when read.
9
lockRespErr
RSC
When this bit and bit 9 (lockRespErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this lock-response-error interrupt mask enables interrupt generation.
8
postedWriteErr
RSC
When this bit and bit 8 (postedWriteErr) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this posted-write-error interrupt mask enables interrupt generation.
7
isochRx
RSC
When this bit and bit 7 (isochRx) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this isochronous-receive-DMA interrupt mask enables interrupt generation.
6
isochTx
RSC
When this bit and bit 6 (isochTx) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this isochronous-transmit-DMA interrupt mask enables interrupt generation.
5
RSPkt
RSC
When this bit and bit 5 (RSPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this receive-response-packet interrupt mask enables interrupt generation.
4
RQPkt
RSC
When this bit and bit 4 (RQPkt) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this receive-request-packet interrupt mask enables interrupt generation.
3
ARRS
RSC
When this bit and bit 3 (ARRS) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this asynchronous-receive-response-DMA interrupt mask enables interrupt generation.
2
ARRQ
RSC
When this bit and bit 2 (ARRQ) in the interrupt event register at OHCI offset 80h/84h (see Section 8.21)
are set to 1, this asynchronous-receive-request-DMA interrupt mask enables interrupt generation.
1
respTxComplete
RSC
When this bit and bit 1 (respTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this response-transmit-complete interrupt mask enables interrupt
generation.
0
reqTxComplete
RSC
When this bit and bit 0 (reqTxComplete) in the interrupt event register at OHCI offset 80h/84h (see
Section 8.21) are set to 1, this request-transmit-complete interrupt mask enables interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com