Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 177 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 177 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 173Page - Texas Instruments PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments PCI7510 Datasheet HTML 178Page - Texas Instruments PCI7510 Datasheet HTML 179Page - Texas Instruments PCI7510 Datasheet HTML 180Page - Texas Instruments PCI7510 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 234 page
background image
8–18
8.21 Interrupt Event Register
The interrupt event set/clear register reflects the state of the various PCI7510 interrupt sources. The interrupt bits
are set to 1 by an asserting edge of the corresponding interrupt signal or by writing a 1 in the corresponding bit in the
set register. The only mechanism to clear a bit in this register is to write a 1 to the corresponding bit in the clear register.
This register is fully compliant with the 1394 Open Host Controller Interface Specification, and the PCI7510 device
adds a vendor-specific interrupt function to bit 30. When the interrupt event register is read, the return value is the
bit-wise AND function of the interrupt event and interrupt mask registers. See Table 8–15 for a complete description
of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Interrupt event
Type
R
RSC
RSC
R
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
Default
0
X
0
0
0
X
X
X
X
X
X
X
X
0
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Interrupt event
Type
RSCU
R
R
R
R
R
RSCU
RSCU
RU
RU
RSCU
RSCU
RSCU
RSCU
RSCU
RSCU
Default
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
X
Register:
Interrupt event
Offset:
80h
set register
84h
clear register [returns the content of the interrupt event register bit-wise ANDed with
the interrupt mask register when read]
Type:
Read/Set/Clear/Update, Read/Set/Clear, Read/Update, Read-only
Default:
XXXX 0XXXh
Table 8–15. Interrupt Event Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–30
RSVD
R
Reserved. Bits 31 and 30 return 0 when read.
29
SoftInterrupt
RSC
Bit 29 is used by software to generate a PCI7510 interrupt for its own use.
28
RSVD
R
Reserved. Bit 28 returns 0 when read.
27
ack_tardy
RSCU
Bit 27 is set to 1 when bit 29 (AckTardyEnable) in the host controller control register at OHCI offset
50h/54h (see Section 8.16) is set to 1 and any of the following conditions occur:
a. Data is present in a receive FIFO that is to be delivered to the host.
b. The physical response unit is busy processing requests or sending responses.
c. The PCI7510 device sent an ack_tardy acknowledgment.
26
phyRegRcvd
RSCU
The PCI7510 device has received a PHY register data byte which can be read from bits 23–16 in the
PHY layer control register at OHCI offset ECh (see Section 8.33).
25
cycleTooLong
RSCU
If bit 21 (cycleMaster) in the link control register at OHCI offset E0h/E4h (see Section 8.31) is set to
1, then this indicates that over 125
µs has elapsed between the start of sending a cycle start packet
and the end of a subaction gap. Bit 21 (cycleMaster) in the link control register is cleared by this event.
24
unrecoverableError
RSCU
This event occurs when the PCI7510 device encounters any error that forces it to stop operations
on any or all of its subunits, for example, when a DMA context sets its dead bit to 1. While bit 24 is
set to 1, all normal interrupts for the context(s) that caused this interrupt are blocked from being set
to 1.
23
cycleInconsistent
RSCU
A cycle start was received that had values for the cycleSeconds and cycleCount fields that are
different from the values in bits 31–25 (cycleSeconds field) and bits 24–12 (cycleCount field) in the
isochronous cycle timer register at OHCI offset F0h (see Section 8.34).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com