Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 178 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 178 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments PCI7510 Datasheet HTML 178Page - Texas Instruments PCI7510 Datasheet HTML 179Page - Texas Instruments PCI7510 Datasheet HTML 180Page - Texas Instruments PCI7510 Datasheet HTML 181Page - Texas Instruments PCI7510 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 234 page
background image
8–19
Table 8–15. Interrupt Event Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
22
cycleLost
RSCU
A lost cycle is indicated when no cycle_start packet is sent or received between two successive
cycleSynch events. A lost cycle can be predicted when a cycle_start packet does not immediately
follow the first subaction gap after the cycleSynch event or if an arbitration reset gap is detected after
a cycleSynch event without an intervening cycle start. Bit 22 may be set to 1 either when a lost cycle
occurs or when logic predicts that one will occur.
21
cycle64Seconds
RSCU
Indicates that the 7th bit of the cycle second counter has changed.
20
cycleSynch
RSCU
Indicates that a new isochronous cycle has started. Bit 20 is set to 1 when the low-order bit of the
cycle count toggles.
19
phy
RSCU
Indicates that the PHY layer requests an interrupt through a status transfer.
18
regAccessFail
RSCU
Indicates that a PCI7510 register access has failed due to a missing SCLK clock signal from the PHY
layer. When a register access fails, bit 18 is set to 1 before the next register access.
17
busReset
RSCU
Indicates that the PHY layer has entered bus reset mode.
16
selfIDcomplete
RSCU
A self-ID packet stream has been received. It is generated at the end of the bus initialization process.
Bit 16 is turned off simultaneously when bit 17 (busReset) is turned on.
15
selfIDcomplete2
RSCU
Secondary indication of the end of a self-ID packet stream. Bit 15 is set to 1 by the PCI7510 device
when it sets bit 16 (selfIDcomplete), and retains the state, independent of bit 17 (busReset).
14–10
RSVD
R
Reserved. Bits 14–10 return 0s when read.
9
lockRespErr
RSCU
Indicates that the PCI7510 device sent a lock response for a lock request to a serial bus register, but
did not receive an ack_complete.
8
postedWriteErr
RSCU
Indicates that a host bus error occurred while the PCI7510 device was trying to write a 1394 write
request, which had already been given an ack_complete, into system memory.
7
isochRx
RU
Isochronous receive DMA interrupt. Indicates that one or more isochronous receive contexts have
generated an interrupt. This is not a latched event; it is the logical OR of all bits in the isochronous
receive interrupt event register at OHCI offset A0h/A4h (see Section 8.25) and isochronous receive
interrupt mask register at OHCI offset A8h/ACh (see Section 8.26). The isochronous receive interrupt
event register indicates which contexts have been interrupted.
6
isochTx
RU
Isochronous transmit DMA interrupt. Indicates that one or more isochronous transmit contexts have
generated an interrupt. This is not a latched event; it is the logical OR of all bits in the isochronous
transmit interrupt event register at OHCI offset 90h/94h (see Section 8.23) and isochronous transmit
interrupt mask register at OHCI offset 98h/9Ch (see Section 8.24). The isochronous transmit
interrupt event register indicates which contexts have been interrupted.
5
RSPkt
RSCU
Indicates that a packet was sent to an asynchronous receive response context buffer and the
descriptor xferStatus and resCount fields have been updated.
4
RQPkt
RSCU
Indicates that a packet was sent to an asynchronous receive request context buffer and the
descriptor xferStatus and resCount fields have been updated.
3
ARRS
RSCU
Asynchronous receive response DMA interrupt. Bit 3 is conditionally set to 1 upon completion of an
ARRS DMA context command descriptor.
2
ARRQ
RSCU
Asynchronous receive request DMA interrupt. Bit 2 is conditionally set to 1 upon completion of an
ARRQ DMA context command descriptor.
1
respTxComplete
RSCU
Asynchronous response transmit DMA interrupt. Bit 1 is conditionally set to 1 upon completion of an
ATRS DMA command.
0
reqTxComplete
RSCU
Asynchronous request transmit DMA interrupt. Bit 0 is conditionally set to 1 upon completion of an
ATRQ DMA command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com