Electronic Components Datasheet Search
  English  ▼

X  

PCI7510 Datasheet(PDF) 173 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 173 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 169Page - Texas Instruments PCI7510 Datasheet HTML 170Page - Texas Instruments PCI7510 Datasheet HTML 171Page - Texas Instruments PCI7510 Datasheet HTML 172Page - Texas Instruments PCI7510 Datasheet HTML 173Page - Texas Instruments PCI7510 Datasheet HTML 174Page - Texas Instruments PCI7510 Datasheet HTML 175Page - Texas Instruments PCI7510 Datasheet HTML 176Page - Texas Instruments PCI7510 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 234 page
background image
8–14
Table 8–11. Host Controller Control Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
22
aPhyEnhanceEnable
RSC
When bits 23 (programPhyEnable) and 17 (linkEnable) are 1, the OHCI driver can set bit 22 to
1 to use all IEEE 1394a-2000 enhancements. When bit 23 (programPhyEnable) is cleared to 0,
the software does not change PHY enhancements or this bit.
21–20
RSVD
R
Reserved. Bits 21 and 20 return 0s when read.
19
LPS
RSC
Bit 19 controls the link power status. Software must set this bit to 1 to permit the link-PHY
communication. A 0 prevents link-PHY communication.
The OHCI-link is divided into two clock domains (PCLK and PHY_SCLK). If software tries to
access any register in the PHY_SCLK domain while the PHY_SCLK is disabled, then a target
abort is issued by the link. This problem can be avoided by setting bit 4 (DIS_TGT_ABT) to 1 in
the PCI miscellaneous configuration register at offset F0h in the PCI configuration space (see
Section 7.23). This allows the link to respond to these types of request by returning all Fs (hex).
OHCI registers at offsets DCh–F0h and 100h–11Ch are in the PHY_SCLK domain.
After setting LPS, software must wait approximately 10 ms before attempting to access any of
the OHCI registers. This gives the PHY_SCLK time to stabilize.
18
postedWriteEnable
RSC
Bit 18 enables (1) or disables (0) posted writes. Software changes this bit only when bit 17
(linkEnable) is 0.
17
linkEnable
RSC
Bit 17 is cleared to 0 by either a system (hardware) or software reset. Software must set this bit
to 1 when the system is ready to begin operation and then force a bus reset. This bit is necessary
to keep other nodes from sending transactions before the local system is ready. When this bit is
cleared, the PCI7510 device is logically and immediately disconnected from the 1394 bus, no
packets are received or processed, nor are packets transmitted.
16
SoftReset
RSCU
When bit 16 is set to 1, all PCI7510 states are reset, all FIFOs are flushed, and all OHCI registers
are set to their system (hardware) reset values, unless otherwise specified. PCI registers are not
affected by this bit. This bit remains set to 1 while the software reset is in progress and reverts
back to 0 when the reset has completed.
15–0
RSVD
R
Reserved. Bits 15–0 return 0s when read.
8.17 Self-ID Buffer Pointer Register
The self-ID buffer pointer register points to the 2K-byte aligned base address of the buffer in host memory where the
self-ID packets are stored during bus initialization. Bits 31–11 are read/write accessible. Bits 10–0 are reserved, and
return 0s when read.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Self-ID buffer pointer
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Self-ID buffer pointer
Type
RW
RW
RW
RW
RW
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
0
0
0
0
0
0
0
0
0
0
0
Register:
Self-ID buffer pointer
Offset:
64h
Type:
Read/Write, Read-only
Default:
XXXX XX00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com