Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 59 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 59 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 55Page - Linear Technology LTC4449 Datasheet HTML 56Page - Linear Technology LTC4449 Datasheet HTML 57Page - Linear Technology LTC4449 Datasheet HTML 58Page - Linear Technology LTC4449 Datasheet HTML 59Page - Linear Technology LTC4449 Datasheet HTML 60Page - Linear Technology LTC4449 Datasheet HTML 61Page - Linear Technology LTC4449 Datasheet HTML 62Page - Linear Technology LTC4449 Datasheet HTML 63Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
LTC3882-1
59
Rev A
For more information www.analog.com
Figure 41. Normalized RMS Input Ripple Current
Figure 42. Normalized Output Ripple Current [IRMS ~ 0.3(DIC(PP))]
0
0.1
0.2
0.3
0.4
38821 F41
0.5
0.6
DUTY FACTOR (VOUT/VIN)
0.1
0.3
0.5 0.6
0.2
0.4
0.7 0.8 0.9
1-PHASE
2-PHASE
DUTY FACTOR (VOUT/VIN)
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.3
0.5 0.6
38821 F42
0.2
0.4
0.7 0.8 0.9
1-PHASE
2-PHASE
Figure 40. Single and 2-Phase Current Waveforms
38821 F40
SW1 V
ICIN
ICOUT
SINGLE PHASE
SW1 V
SW2 V
ICIN
IL2
IL1
ICOUT
DUAL PHASE
RIPPLE
synchronizedtime-basedrailsequencingandrampingand
report accurate output current telemetry for all phases.
In general, only the PGOOD pin of the master phase needs
to be used for external Power Good indication. However,
APPLICATIONS INFORMATION
PGOOD pins of slave phases may be shorted to a master
PGOOD bus to indicate full output power is available, un-
less the slave channel is used in active phase shedding.
In that case, the slave PGOOD should be left disconnected
or used only to indicate operating status for that phase.
Output current fault and warning limits should each be set
to the same values across all PolyPhase channels using
IOUT_FAULT_LIMIT and IOUT_WARN_LIMIT. The cor-
rect sense resistance and related temperature coefficient
should also be set for each phase (IOUT_CAL_GAIN,
MFR_IOUT_CAL_GAIN_TC) to achieve accurate IOUT
telemetry and consistent fault handling across phases.
Because the LTC3882-1 current sharing loop operates by
matching sensed voltage, it is important that well-matched
sense elements be used in the system. Current matching
parametersspecifiedfortheLTC3882-1donotincludethese
external sources of error, such as inductor DCR tolerance.
Programming of VOUT related parameters is not required
for slave phases.
APolyPhasepowersupplysignificantlyreducestheamount
of ripple current in both the input and output capacitors.
The RMS input ripple current is divided by, and the ef-
fective ripple frequency is multiplied by, the number of
phases used as long as the input voltage is greater than
the number of phases used times the output voltage. The
output ripple amplitude is also reduced by the number of
phasesused.Figure40graphicallyillustratestheprinciple.
The worst-case RMS ripple current for a single stage de-
sign peaks at an input voltage of twice the output voltage.
The worst case RMS ripple current for a 2-phase design
peaks at output voltages of 1/4 and 3/4 of the input volt-
age. When the RMS current is calculated, higher effective
duty factor results and the peak current levels are divided
as long as the current in each stage is balanced. Refer to
Application Note 19 at http://www.linear.com/designtools/
app_notes for a detailed description of how to calculate
RMS current for the single stage switching regulator. Fig-
ure 41 and Figure 42 illustrate how the input and output
currents are reduced by using an additional phase. For a
2-phase converter, the input current peaks drop in half and
the frequency is doubled. The input capacitor requirement
is then theoretically reduced by a factor of four.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com