Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 95 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 95 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 91Page - Linear Technology LTC4449 Datasheet HTML 92Page - Linear Technology LTC4449 Datasheet HTML 93Page - Linear Technology LTC4449 Datasheet HTML 94Page - Linear Technology LTC4449 Datasheet HTML 95Page - Linear Technology LTC4449 Datasheet HTML 96Page - Linear Technology LTC4449 Datasheet HTML 97Page - Linear Technology LTC4449 Datasheet HTML 98Page - Linear Technology LTC4449 Datasheet HTML 99Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
LTC3882-1
95
Rev A
For more information www.analog.com
VOUT_OV_FAULT_RESPONSE
The VOUT_OV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
overvoltage fault. The format for this command is given in Table 12. The device also:
• Sets the VOUT_OV Bit in the STATUS_BYTE
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Overvoltage Fault Bit in the STATUS_VOUT Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
VOUT_UV_FAULT_RESPONSE
The VOUT_UV_FAULT_RESPONSE command instructs the device on what action to take in response to an output
undervoltage fault. The format for this command is given in Table 12. The device also:
• Sets the VOUT Bit in the STATUS_WORD
• Sets the VOUT Undervoltage Fault Bit in the STATUS_VOUT Command,
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
Table 12. Data Byte Contents for VOUT_OV_FAULT_RESPONSE and VOUT_UV_FAULT_RESPONSE
BITS
DESCRIPTION
VALUE
MEANING
[7:6]
For all values of bits [7:6], the LTC3882-1:
• Sets the corresponding fault bits in the status commands.
• Notifies the host by asserting ALERT, unless masked.
The fault, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The corresponding STATUS_VOUT bit is written to a one.
• The output is commanded off, then on, by the RUN pin or
OPERATION command.
• The device receives a RESTORE_USER_ALL command.
• The device receives an MFR_RESET command.
• IC supply power is cycled.
00
The LTC3882-1 continues to operate indefinitely with the
normal hardware response described in the Operation
section.
01
The LTC3882-1 continues operating with the normal
hardware response for the delay time specified by bits [2:0].
If the fault is continuously present for the entire delay, the
unit then disables the output and does attempt to restart.
10
The LTC3882-1 immediately disables the output and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
[5:3]
Retry setting.
000-110
The LTC3882-1 does not attempt to restart. The output
remains disabled until the fault is cleared, the device is
commanded off and then on, or bias power (LTC3882-1
power supply input) is cycled.
111
The LTC3882-1 attempts to restart continuously without
limitation with an interval set by MFR_RETRY_DELAY.
This response persists until the unit is commanded off, or
bias power is removed, or another fault response forces
shutdown without retry.
[2:0]
Delay time.
xxx
Response delay time in 10µs increments. This delay
time determines how long the fault may have to persist
before the controller is disabled, depending on bits [7:6].
Hardware-level response, if any, will occur during this delay.
These bits always return zero if bits [7:6] are not set to 0x2.
PMBus COMMAND DETAILS (Fault Response and Communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com